Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV8164 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8164
Description  5 V, 5 V and Adjustable Triple-Voltage Regulator with Disable and Reset Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8164 Datasheet(HTML) 4 Page - STMicroelectronics

  STV8164 Datasheet HTML 1Page - STMicroelectronics STV8164 Datasheet HTML 2Page - STMicroelectronics STV8164 Datasheet HTML 3Page - STMicroelectronics STV8164 Datasheet HTML 4Page - STMicroelectronics STV8164 Datasheet HTML 5Page - STMicroelectronics STV8164 Datasheet HTML 6Page - STMicroelectronics STV8164 Datasheet HTML 7Page - STMicroelectronics STV8164 Datasheet HTML 8Page - STMicroelectronics STV8164 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS
STV8164
4/11
2
ELECTRICAL CHARACTERISTICS
2.1
Absolute Maximum Ratings
2.2
Thermal Data
2.3
Electrical Characteristics
TAMB = 25° C, VIN1 = 7 V, VIN2 = 7 V and VIN3 = 10 V, unless otherwise specified.
Symbol
Parameter
Value
Unit
VIN
DC Input Voltage at pins INPUT1, INPUT2 and INPUT3
20
V
VDIS
Disable Input Voltage at pin DISABLE
20
V
VRST
Output Voltage at pin RESET
20
V
IOUTPUT
Output Currents
Internally Limited
Pt
Power Dissipation
Internally Limited
TSTG
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
0 to +150
°C
Symbol
Parameter
Value
Unit
RthJC
Thermal Resistance (Junction-to-Case)
3
°C/W
RthJA
Thermal Resistance (Junction-to-Ambient)
≥101
1. Depending on heat sink conditions.
°C/W
TJ
Maximum Recommended Junction Temperature
140
°C
TOPER
Operating Free Air Temperature Range
0 to +70
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT1
Output Voltage
IOUT1 = 10 mA
4.90
5.00
5.10
V
VOUT2
Output Voltage
IOUT2 = 10 mA
4.90
5.00
5.10
V
VOUT3
Output Voltage
IOUT3 = 10 mA
2.5
16
V
VOUT1
Output Voltage
7 V < VIN2 < 12 V
5 mA < IOUT2 < 600 mA
4.80
5.20
V
VOUT2
Output Voltage
7 V < VIN2 < 12 V
5 mA < IOUT2 < 600 mA
4.80
5.20
V
VIO1
Dropout Voltage
IOUT1 = 0.6 A
11.4
V
VIO2
Dropout Voltage
IOUT2 = 0.6 A
11.4
V
VIO3
Dropout Voltage
IOUT3 = 0.6 A
11.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com