Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTA806DI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTA806DI
Description  TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTA806DI Datasheet(HTML) 1 Page - STMicroelectronics

  STTA806DI Datasheet HTML 1Page - STMicroelectronics STTA806DI Datasheet HTML 2Page - STMicroelectronics STTA806DI Datasheet HTML 3Page - STMicroelectronics STTA806DI Datasheet HTML 4Page - STMicroelectronics STTA806DI Datasheet HTML 5Page - STMicroelectronics STTA806DI Datasheet HTML 6Page - STMicroelectronics STTA806DI Datasheet HTML 7Page - STMicroelectronics STTA806DI Datasheet HTML 8Page - STMicroelectronics STTA806DI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2002 - Ed: 4C
s
SPECIFIC TO “FREEWHEEL MODE” OPERATIONS:
FREEWHEEL OR BOOSTER DIODE
s
ULTRA-FAST AND SOFT RECOVERY
s
VERY LOW OVERALL POWER LOSSES IN
BOTH THE DIODE AND THE COMPANION
TRANSISTOR
s
HIGH FREQUENCY OPERATIONS
s
INSULATED PACKAGE : TO-220AC
Electrical insulation : 2500VRMS
Capacitance < 7 pF
FEATURES AND BENEFITS
The TURBOSWITCH is a very high performance
series of ultra-fast high voltage power diodes from
600V to 1200V.
TURBOSWITCH family, drastically cuts losses in
both the diode and the associated switching IGBT
or MOSFET in all “freewheel mode” operations
and is particularly suitable and efficient in motor
control freewheel applications and in booster
diode
applications
in
power
factor
control
circuitries.
Packaged
either
in
TO-220AC,
insulated
TO-220AC or in D2PAK, these 600V devices are
particularly intended for use on 240V domestic
mains.
DESCRIPTION
IF(AV)
8A
VRRM
600V
trr (typ)
25ns
VF (max)
1.5V
MAIN PRODUCTS CHARACTERISTICS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
VRSM
Non repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
TO-220AC / D
2PAK
30
A
TO-220AC ins.
20
A
IFRM
Repetitive peak forward current
tp=5ms F=5kHz square
110
A
IFSM
Surge non repetitive forward current
tp=10 ms sinusoidal
90
A
Tj
Maximum operating junction temperature
150
°C
Tstg
Storage temperature range
-65 to 150
°C
TM : TURBOSWITCH is a trademark of STMicroelectronics
ABSOLUTE RATINGS (limiting values)
STTA806D/DI/G
®
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
K
K
A
TO-220AC
STTA806D
K
A
Insulated
TO-220AC
STTA806DI
K
A
NC
D
2PAK
STTA806G


Similar Part No. - STTA806DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA806DI STMICROELECTRONICS-STTA806DI Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results

Similar Description - STTA806DI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTA112U STMICROELECTRONICS-STTA112U Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA1212D STMICROELECTRONICS-STTA1212D Datasheet
67Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2006P STMICROELECTRONICS-STTA2006P Datasheet
71Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA212S STMICROELECTRONICS-STTA212S Datasheet
72Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA2512P STMICROELECTRONICS-STTA2512P Datasheet
83Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA3006P STMICROELECTRONICS-STTA3006P Datasheet
82Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA406 STMICROELECTRONICS-STTA406 Datasheet
53Kb / 5P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA6006P STMICROELECTRONICS-STTA6006P Datasheet
73Kb / 8P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA806D STMICROELECTRONICS-STTA806D Datasheet
88Kb / 9P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
STTA812D STMICROELECTRONICS-STTA812D Datasheet
91Kb / 10P
TURBOSWITCH ULTRA-FAST HIGH VOLTAGE DIODE
Nov-1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com