Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2902
Description  Micropower Quad Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2902 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2902 Datasheet HTML 1Page - National Semiconductor (TI) LP2902 Datasheet HTML 2Page - National Semiconductor (TI) LP2902 Datasheet HTML 3Page - National Semiconductor (TI) LP2902 Datasheet HTML 4Page - National Semiconductor (TI) LP2902 Datasheet HTML 5Page - National Semiconductor (TI) LP2902 Datasheet HTML 6Page - National Semiconductor (TI) LP2902 Datasheet HTML 7Page - National Semiconductor (TI) LP2902 Datasheet HTML 8Page - National Semiconductor (TI) LP2902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Curves (Continued)
Application Hints
The LP324 series is a micro-power pin-for-pin equivalent to
the LM324 op amps. Power supply current, input bias cur-
rent, and input offset current have all been reduced by a fac-
tor of 10 over the LM324. Like its predecessor, the LP324 se-
ries
op
amps
can
operate
on
single
supply,
have
true-differential inputs, and remain in the linear mode with an
input common-mode voltage of 0 V
DC.
The pinouts of the package have been designed to simplify
PC board layouts. Inverting inputs are adjacent to outputs for
all of the amplifiers and the outputs have also been placed at
the corners of the package (pins 1, 7, 8, and 14).
Precautions should be taken to insure that the power supply
for the integrated circuit never becomes reversed in polarity
or the unit is not inadvertently installed backwards in the test
socket as an unlimited current surge through the resulting
forward diode within the IC could destroy the unit.
Large differential input voltages can be easily accommo-
dated and, as input differential voltage protection diodes are
not needed, no large input currents result from large differen-
tial input voltages. The differential input voltage may be
larger than V
+
without damaging the device. Protection
should be provided to prevent the input voltages from going
negative more than −0.3 V
DC (at 25˚C). An input clamp diode
with a resistor to the IC input terminal can be used.
Voltage Follower
Pulse Response
DS008562-27
Voltage Follower Pulse
Response (Small Signal)
DS008562-28
Common Mode
Rejection Ratio
DS008562-29
Large Signal
Frequency Response
DS008562-30
Output Characteristics
Current Sourcing
DS008562-31
Output Characteristics
Current Sinking
DS008562-32
Current Limiting
DS008562-33
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com