Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2950
Description  Series of Adjustable Micropower Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2950 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2950 Datasheet HTML 1Page - National Semiconductor (TI) LP2950 Datasheet HTML 2Page - National Semiconductor (TI) LP2950 Datasheet HTML 3Page - National Semiconductor (TI) LP2950 Datasheet HTML 4Page - National Semiconductor (TI) LP2950 Datasheet HTML 5Page - National Semiconductor (TI) LP2950 Datasheet HTML 6Page - National Semiconductor (TI) LP2950 Datasheet HTML 7Page - National Semiconductor (TI) LP2950 Datasheet HTML 8Page - National Semiconductor (TI) LP2950 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LP2950/LP2951
Series of Adjustable Micropower Voltage Regulators
General Description
The LP2950 and LP2951 are micropower voltage regulators
with very low quiescent current (75µA typ.) and very low
dropout voltage (typ. 40mV at light loads and 380mV at
100mA). They are ideally suited for use in battery-powered
systems. Furthermore, the quiescent current of the LP2950/
LP2951 increases only slightly in dropout, prolonging battery
life.
The LP2950-5.0 is available in the surface-mount D-Pak
package, and in the popular 3-pin TO-92 package for pin-
compatibility with older 5V regulators. The 8-lead LP2951 is
available in plastic, ceramic dual-in-line, LLP, or metal can
packages and offers additional system functions.
One such feature is an error flag output which warns of a low
output voltage, often due to falling batteries on the input. It
may be used for a power-on reset. A second feature is the
logic-compatible shutdown input which enables the regulator
to be switched on and off. Also, the part may be pin-strapped
for a 5V, 3V, or 3.3V output (depending on the version), or
programmed from 1.24V to 29V with an external pair of
resistors.
Careful design of the LP2950/LP2951 has minimized all
contributions to the error budget. This includes a tight initial
tolerance (.5% typ.), extremely good load and line regulation
(.05% typ.) and a very low output voltage temperature coef-
ficient, making the part useful as a low-power voltage refer-
ence.
Features
n
5V, 3V, and 3.3V versions available
n
High accuracy output voltage
n
Guaranteed 100mA output current
n
Extremely low quiescent current
n
Low dropout voltage
n
Extremely tight load and line regulation
n
Very low temperature coefficient
n
Use as Regulator or Reference
n
Needs minimum capacitance for stability
n
Current and Thermal Limiting
n
Stable with low-ESR output capacitors (10m
Ω to 6Ω)
LP2951 versions only
n
Error flag warns of output dropout
n
Logic-controlled electronic shutdown
n
Output programmable from 1.24 to 29V
Block Diagram and Typical Applications
LP2950
LP2951
00854625
00854601
May 2005
© 2005 National Semiconductor Corporation
DS008546
www.national.com


Similar Part No. - LP2950

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LP2950 ONSEMI-LP2950 Datasheet
289Kb / 16P
Micropower Voltage Regulators
October, 1999 ??Rev. 5
logo
Sipex Corporation
LP2950 SIPEX-LP2950 Datasheet
467Kb / 13P
100 mA Low Dropout Voltage Regulators
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Calogic, LLC
LP2950 CALOGIC-LP2950 Datasheet
140Kb / 10P
100mA Low Dropout Voltage Regulators
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
More results

Similar Description - LP2950

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP4950C-5V NSC-LP4950C-5V Datasheet
436Kb / 14P
Adjustable Micropower Voltage Regulators
LP2951 NSC-LP2951 Datasheet
271Kb / 16P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
LP4950C-5V NSC-LP4950C-5V_05 Datasheet
850Kb / 14P
Adjustable Micropower Voltage Regulators
logo
Texas Instruments
LP2951 TI1-LP2951 Datasheet
657Kb / 30P
Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI1-LP2951JAN Datasheet
494Kb / 24P
Adjustable Micropower Voltage Regulators
LP2950ACZ-3.3 TI1-LP2950ACZ-3.3 Datasheet
1Mb / 42P
LP2950-N/LP2951-N Series of Adjustable Micropower Voltage Regulators
LP2951-N_15 TI-LP2951-N_15_15 Datasheet
1Mb / 50P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2950-N TI-LP2950-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
LP2951JAN TI-LP2951JAN_15 Datasheet
811Kb / 25P
Series of Adjustable Micropower Voltage Regulators
LP2951-N TI-LP2951-N_15 Datasheet
1Mb / 51P
LP295x-N Series of Adjustable Micropower Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com