Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7468D Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7468D
Description  TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7468D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7468D Datasheet HTML 13Page - STMicroelectronics TDA7468D Datasheet HTML 14Page - STMicroelectronics TDA7468D Datasheet HTML 15Page - STMicroelectronics TDA7468D Datasheet HTML 16Page - STMicroelectronics TDA7468D Datasheet HTML 17Page - STMicroelectronics TDA7468D Datasheet HTML 18Page - STMicroelectronics TDA7468D Datasheet HTML 19Page - STMicroelectronics TDA7468D Datasheet HTML 20Page - STMicroelectronics TDA7468D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17/22
TDA7468D
Table 13. TREBLE & BASS SELECTION
(*) When BASS is programmed in the range -14dB/0dB, ALC is automatically switched to "OFF".
Table 14. OUTPUT
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
TREBLE
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
00
11
-8dB
01
00
-6dB
01
01
-4dB
01
10
-2dB
01
11
0dB
10
00
14dB
10
01
12dB
10
10
10dB
10
11
8dB
11
00
6dB
11
01
4dB
11
10
2dB
11
11
0dB
BASS (*)
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
00
11
-8dB
01
00
-6dB
01
01
-4dB
01
10
-2dB
01
11
0dB
10
00
14dB
10
01
12dB
10
10
10dB
10
11
8dB
11
00
6dB
11
01
4dB
11
10
2dB
11
11
0dB
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
MUTE
0ON
1OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com