Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7463D Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7463D
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7463D Datasheet HTML 1Page - STMicroelectronics TDA7463D Datasheet HTML 2Page - STMicroelectronics TDA7463D Datasheet HTML 3Page - STMicroelectronics TDA7463D Datasheet HTML 4Page - STMicroelectronics TDA7463D Datasheet HTML 5Page - STMicroelectronics TDA7463D Datasheet HTML 6Page - STMicroelectronics TDA7463D Datasheet HTML 7Page - STMicroelectronics TDA7463D Datasheet HTML 8Page - STMicroelectronics TDA7463D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
TDA7463D
Table 5. Electrical Characteristcs (refer to the test circuit Tamb = 25°C, VS =2.4V, RL= 10KΩ,
RG = 600Ω, all controls flat, unless otherwise specified)
Note: 1. BASS and TREBLE response: The center frequency and the response quality can be chosen by the external circuitry.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
1.8
2.4
3
V
IS
Supply Current
4
mA
IST-BY
Stand-By Current
50
µA
SVR
Ripple Rejection
70
dB
INPUT STAGE
RIN
Input Resistance
35
50
65
K
VCL
Clipping Level
THD = 0.3%
0.2
Vrms
VOLUME CONTROL
CRANGE
Control Range
63
dB
AV MIN
Min Attenuation
-1
0
1
dB
AVMAX
Max. Attenuation
62
63
64
dB
ASTEP
Step Resolution
1
dB
Amute
Mute Attenuation
80
100
dB
A-10dB
-10dB damping
10
dB
G14dB
14dB gain
14
dB
BASS CONTROL (1)
Gb
Control Range
Max. Boost/on
14
dB
RB
Internal Feedback Resistance
33.75
45
56.25
K
TREBLE CONTROL (1)
Gt
Control Range
Max. Boost on
8
dB
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
0.2
VRMS
RL
Output Load Resistance
10
K
VDC
DC Voltage Level
0.8
V
GENERAL
ENO
Output Noise
Outout Muted
All gains = 0dB;
BW = 20Hz to 20KHz flat
5
8
µV
µV
Et
Total Tracking Error
0
1
dB
S/N
Signal to Noise Ratio
All gains 0dB; VO = 0.1VRMS;80
dB
SC
Channel Separation Left/Right
80
dB
d
Distortion
AV = 0; VI = 0.1VRMS ;
0.1
%
BUS INPUT
VIL
Input Low Voltage
0.5
V
VIH
Input High Voltage
1.9
V
IIN
Input Current
VIN = 0.4V
-5
5
µA
VO
Output Voltage SDA Acknowledge
IO = 1.6mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com