Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2952A Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2952A
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2952A Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LP2952A Datasheet HTML 14Page - National Semiconductor (TI) LP2952A Datasheet HTML 15Page - National Semiconductor (TI) LP2952A Datasheet HTML 16Page - National Semiconductor (TI) LP2952A Datasheet HTML 17Page - National Semiconductor (TI) LP2952A Datasheet HTML 18Page - National Semiconductor (TI) LP2952A Datasheet HTML 19Page - National Semiconductor (TI) LP2952A Datasheet HTML 20Page - National Semiconductor (TI) LP2952A Datasheet HTML 21Page - National Semiconductor (TI) LP2952A Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Typical Applications (Continued)
5V Regulator with Timed Power-On Reset
01112720
Timing Diagram for Timed Power-On Reset
01112721
*RT = 1 MEG, CT = 0.1 µF
5V Regulator with Snap-On/Snap-Off
Feature and Hysteresis
01112722
* Turns ON at VIN = 5.87V
Turns OFF at VIN = 5.64V
(for component values shown)
5V Regulator with Error Flags for
LOW BATTERY and OUT OF REGULATION
with SNAP-ON/SNAP-OFF Output
01112723
* Connect to Logic or µP control inputs.
OUTPUT has SNAP-ON/SNAP-OFF feature.
LOW BATT flag warns the user that the battery has discharged down to
about 5.8V, giving the user time to recharge the battery or shut down
hardware with high power requirements. The output is still in regulation at
this time.
OUT OF REGULATION flag goes low if the output goes below about 4.7V,
which could occur from a load fault.
OUTPUT has SNAP-ON/SNAP-OFF feature. Regulator snaps ON at about
5.7V input, and OFF at about 5.6V.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com