Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8M07R Datasheet(PDF) 2 Page - StarHope

Part # C8M07R
Description  Gas Discharge Tube C8M Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

C8M07R Datasheet(HTML) 2 Page - StarHope

  C8M07R Datasheet HTML 1Page - StarHope C8M07R Datasheet HTML 2Page - StarHope C8M07R Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
www.spsemi.cn
Page 2 of 3
Dimensions
Dimensions in millimeters
Electrical Characteristics
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
(
)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
100MΩ min.
0.8pF max.
Packaging Speci Cations
Packaging:100 pieces bulk
Φ80 2
±.
DC
Spark-over
Voltage
(@100V/s
)
(V)
Part Number
Impulse
Spark-over
Voltage
(@1KV/μs)
(V)
Nom.
Impulse
Discharge
Current
(@8/20μs)
(KA)
Nom.
Alternating
Discharge
Current
(@50HZ)
(A)
Capacitance
(pF)
Insulation
Resistance
(GΩ)
(@DC)
(V)
C8M07R
C8M09R
C8M15R
C8M23R
C8M35R
C8M47R
C8M60R
75
20
±%
90
20
±%
150
20
±%
230
20
±%
350
20
±%
470
20
±%
600
20
±%
≦600
≦600
≦650
≦650
≦700
≦750
≦950
52
×
52
×
52
×
52
×
52
×
52
×
52
×
10
10
10
10
10
10
10
>1
>1
>1
>1
>1
>1
>1
25
50
50
100
100
250
250
<1
<1
<1
<1
<1
<1
<1
With
Wire
Without
Wire
C8M07
C8M09
C8M15
C8M23
C8M35
C8M47
C8M60
GDT/C8M Series
10 0 3
±.
4.4 0 3
±.
4.4 0 3
±.
Φ10 1
±.
Nom.
Impulse
Discharge
Current
(@8/20μs)
(KA)
10
10
10
10
10
10
10
Φ.
72
REV 2017 04 06
..
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com