Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPA075F Datasheet(PDF) 2 Page - StarHope

Part # SPA075F
Description  Gas Discharge Tube SPA Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SPA075F Datasheet(HTML) 2 Page - StarHope

  SPA075F Datasheet HTML 1Page - StarHope SPA075F Datasheet HTML 2Page - StarHope SPA075F Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPSEMI
REV 2016 12 12
..
.
www.spsemi.cn
Page 2 of 3
Dimensions
Dimensions in millimeters
Electrical Characteristics
Initial Characteristics
Test Item
DC-Spark-Over Voltage
Vs
Insulation
Resistance
Capacitance C(pF)
Add and measure the DC Voltage gradually
Maxto get the discharge threshold voltage.
The measuring current is 1mA/1 second max.
1sec
.(1mA)
(
)
Measure the insulation resistance of two end of
leadwire under the specified DC voltage.
Electrostatic Capacitance under the test condition
of 1KHz,DC 6V(max).
Test Method
Specification
It depands on each spec.
100MΩ min.
0.8pF max.
Packaging Speci Cations
Packaging:2000 pieces per reel
4.5 0 3
±.
3.2 0 2
±.
0.5
4.5 0 3
±.
0.5
DC
Spark-over
Voltage
(@100V/s
)
(V)
Part Number
Impulse
Spark-over
Voltage
(@1KV/μs)
(V)
Nom.Impulse
Discharge
Current
(@8/20μs)
(KA)
Nom.
Alternating
Discharge
Current
(@50HZ)
(A)
Impulse
Discharge
Current
One Operation
(@8/20μs)
(KA)
Capacitance
(pF)
Insulation
Resistance
(GΩ)
(@DC)
(V)
SPA075F
SPA090F
SPA150F
SPA230F
SPA350F
SPA470F
SPA600F
75
30
±%
90
30
±%
150
30
±%
230
30
±%
350
30
±%
470
30
±%
600
30
±%
≦500
≦500
≦500
≦500
≦600
≦650
≦950
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2
2
2
2
2
2
2
3
3
3
3
3
3
3
>1
>1
>1
>1
>1
>1
>1
25
50
50
100
100
250
250
<1
<1
<1
<1
<1
<1
<1
GDT/SPA Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com