Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD9-18 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # GD9-18
Description  Low wind loading patented wire grid design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

GD9-18 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  GD9-18 Datasheet HTML 1Page - Laird Tech Smart Technology GD9-18 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Innovative Technology
for a Connected World
ANT-DS-GD9-180611
AnyinformationfurnishedbyLairdTechnologies,Inc.anditsagentsisbelievedtobeaccurateandreliable.Allspecificationsaresubjecttochangewithoutnotice.Responsibilityfortheuseand
applicationofLairdTechnologiesmaterialsrestswiththeenduser,sinceLairdTechnologiesanditsagentscannotbeawareofallpotentialuses.LairdTechnologiesmakesnowarrantiesastothe
fitness,merchantabilityorsuitabilityofanyLairdTechnologiesmaterialsorproductsforanyspecificorgeneraluses.LairdTechnologiesshallnotbeliableforincidentalorconsequentialdamagesof
anykind.AllLairdTechnologiesproductsaresoldpursuanttotheLairdTechnologies’TermsandConditionsofsaleineffectfromtimetotime,acopyofwhichwillbefurnisheduponrequest.©
Copyright2011LairdTechnologies,Inc.AllRightsReserved.Laird,LairdTechnologies,theLairdTechnologiesLogo,andothermarksaretrademarksorregisteredtrademarksofLairdTechnologies,
Inc.oranaffiliatecompanythereof.Otherproductorservicenamesmaybethepropertyofthirdparties.NothinghereinprovidesalicenseunderanyLairdTechnologiesoranythirdpartyintellectual
property rights.
MODEL
100MPH
125MPH
100MPHWITH½INRADIALICE
GD9-18
49.5lbs
77.3 lbs
337 lbs
WIND LOADING (LBS.)
PARAMETER
Frequency range
900-928MHz
Inputreturnloss(S11)
-14dB
VSWR
1.5:1
Impedance
50ohm
Inputpower
100watts
Polediameter(OD)
1.5to3in(38to76mm)
Operating temperature
-45°to+70°C
Ratedwindvelocity
125mph(56m/sec)
Gain
18dBi
Beamwidth
16.5°
Front to back
>30dB
Weight
27lbs(10kg)
Dimension
4ft(1.2m)
SPECIFICATIONS
NLOS Grid Dish Antenna
GD9-18
SYSTEM ORDERING
GD9-18
18dBi900MHzgriddishantennawithNfemaleconnector
NOTES
• AllshipmentsF.O.B.Schaumburg,IL60173
• LairdTechnologiesdoesnotsupplythemountingpole.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com