Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2001A Datasheet(PDF) 2 Page - STMicroelectronics

Part # ULQ2001A
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001A Datasheet(HTML) 2 Page - STMicroelectronics

  ULQ2001A Datasheet HTML 1Page - STMicroelectronics ULQ2001A Datasheet HTML 2Page - STMicroelectronics ULQ2001A Datasheet HTML 3Page - STMicroelectronics ULQ2001A Datasheet HTML 4Page - STMicroelectronics ULQ2001A Datasheet HTML 5Page - STMicroelectronics ULQ2001A Datasheet HTML 6Page - STMicroelectronics ULQ2001A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SCHEMATIC DIAGRAM
Series ULQ-2001A
(each driver)
Series ULQ-2002A
(each driver)
Series ULQ-2003A
(each driver)
Series ULQ-2004A
(each driver)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vo
Output Voltage
50
V
Vin
Input Voltage (for ULQ2002A/D1 - 2003A/D1 - 2004A/D1)
30
V
Ic
Continuous Colletor Current
500
mA
Ib
Continuous Base Current
25
mA
Tamb
Operating Ambient Temperature Range
–40 to 105
°C
Tstg
Storage Temperature Range
–55 to 150
°C
Tj
Junction Temperature
150
°C
THERMAL DATA
Symbol
Parameter
DIP16
SO16
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
70
120
°C/W
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com