Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2001D1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ULQ2001D1
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2001D1 Datasheet(HTML) 1 Page - STMicroelectronics

  ULQ2001D1 Datasheet HTML 1Page - STMicroelectronics ULQ2001D1 Datasheet HTML 2Page - STMicroelectronics ULQ2001D1 Datasheet HTML 3Page - STMicroelectronics ULQ2001D1 Datasheet HTML 4Page - STMicroelectronics ULQ2001D1 Datasheet HTML 5Page - STMicroelectronics ULQ2001D1 Datasheet HTML 6Page - STMicroelectronics ULQ2001D1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ULQ2002A - ULQ2004A
ULQ2001A - ULQ2003A
February 2002
SEVEN DARLINGTON ARRAYS
.
SEVEN DARLINGTONS PER PACKAGE
.
EXTENDED TEMPERATURE RANGE
(–40 to 105
°C)
.
OUTPUT CURRENT 500 mA PER DRIVER
(600 mA PEAK)
.
OUTPUT VOLTAGE 50 V
.
INTEGRAL SUPPRESSION DIODES FOR IN-
DUCTIVE LOADS
.
OUTPUTS
CAN
BE
PARALLELED
FOR
HIGHER CURRENT
.
TTL/CMOS/PMOS/DTL COMPATIBLE INPUTS
.
INPUTS PINNED OPPOSITE OUTPUTS TO
SIMPLIFY LAYOUT
DESCRIPTION
The
ULQ2001A,
ULQ2002A,
ULQ2003
and
ULQ2004A are high voltage, high current darlington
arrays each containing seven open collector dar-
lington pairs with common emitters. Each channel is
rated at 500 mA and can withstand peak currents of
600 mA. Suppression diodes are included for induc-
tive load driving and the inputs are pinned opposite
the outputs to simplify board layout.
The four versions interface to all common logic fami-
lies :
ULQ2001A
General Purpose, DTL, TTL, PMOS,
CMOS
ULQ2002A
14-25V PMOS
ULQ2003A
5V TTL, CMOS
ULQ2004A
6-15V CMOS, PMOS
These versatile devices are useful for driving a wide
range of loads including solenoids, relays DC mo-
tors, LED displays filament lamps, thermal print-
heads and high power buffers.
The ULQ2001A/2002A/2003A and 2004A are sup-
plied in 16 pin plastic DIP packages with a copper
leadframe to reduce thermal resistance. They are
available also in small outline package (SO-16) as
ULQ2001D1/2002D1/2003D1/2004D1.
DIP16
SO16
ORDERING NUMBERS:
ULQ2001A/2A/3A/4A (DIP16)
ULQ2001D1/2D1/3D1/4D1 (SO16)
®
PIN CONNECTION
1/7


Similar Part No. - ULQ2001D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULQ2001 STMICROELECTRONICS-ULQ2001 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
ULQ2001A STMICROELECTRONICS-ULQ2001A Datasheet
210Kb / 13P
Seven darlington array
23-May-2007
ULQ2001A STMICROELECTRONICS-ULQ2001A Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
More results

Similar Description - ULQ2001D1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L601-L603 STMICROELECTRONICS-L601-L603 Datasheet
59Kb / 5P
DARLINGTON ARRAYS
Oct-1991
ULN2001A-ULN2002A STMICROELECTRONICS-ULN2001A-ULN2002A Datasheet
62Kb / 8P
SEVEN DARLINGTON ARRAYS
Sep-1998
ULN2003A STMICROELECTRONICS-ULN2003A Datasheet
326Kb / 8P
SEVEN DARLINGTON ARRAYS
Feb-2002
logo
Unisonic Technologies
UTCULN2003 UTC-UTCULN2003 Datasheet
485Kb / 7P
SEVEN DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2000 STMICROELECTRONICS-ULN2000 Datasheet
240Kb / 8P
SEVEN DARLINGTON ARRAYS
ULN200X STMICROELECTRONICS-ULN200X Datasheet
75Kb / 8P
SEVEN DARLINGTON ARRAYS
Dec-1997
L603 STMICROELECTRONICS-L603 Datasheet
63Kb / 4P
DARLINGTON ARRAYS
Sep-2003
logo
Tiger Electronic Co.,Lt...
ULN2003 TGS-ULN2003 Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN Datasheet
671Kb / 7P
SEVEN DARLINGTON ARRAYS
ULN2003AN TGS-ULN2003AN_19 Datasheet
686Kb / 8P
SEVEN DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com