Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2002D1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ULQ2002D1
Description  SEVEN DARLINGTON ARRAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2002D1 Datasheet(HTML) 3 Page - STMicroelectronics

  ULQ2002D1 Datasheet HTML 1Page - STMicroelectronics ULQ2002D1 Datasheet HTML 2Page - STMicroelectronics ULQ2002D1 Datasheet HTML 3Page - STMicroelectronics ULQ2002D1 Datasheet HTML 4Page - STMicroelectronics ULQ2002D1 Datasheet HTML 5Page - STMicroelectronics ULQ2002D1 Datasheet HTML 6Page - STMicroelectronics ULQ2002D1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
(TJ = –40 to 105
oC for DIP16 unless otherwise specified)
(TJ = 25 to 105
oC for SO16 unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Fig.
ICEX
Output Leakage Current
VCE = 50V
TJ = 105
°C, VCE = 50V
TJ = 105
°C
for ULQ2002A
VCE = 50V, Vi = 6V
for ULQ2004A
VCE = 50V, Vi = 1V
50
100
500
500
µA
µA
µA
µA
1a
1a
1b
1b
VCE(sat)
Collector-emitter
Saturation Voltage
IC = 100mA, IB = 250
µA
IC = 200mA, IB = 350
µA
IC = 350mA, IB = 500
µA
0.9
1.1
1.3
1.1
1.3
1.6
V
V
V
2
2
2
Ii(on)
Input Current
for ULQ2002A
Vi = 17V
for ULQ2003A
Vi = 3.85V
for ULQ2004A
Vi = 5V
Vi = 12V
0.82
0.93
0.35
1
1.25
1.35
0.5
1.45
mA
mA
mA
mA
3
3
3
3
Ii(off)
Input Current
TJ = 105
°C, IC = 500µA50
65
µA4
Vi(on)
Input Voltage
for ULQ2002A
VCE = 2V, IC = 300mA
for ULQ2003A
VCE = 2V, IC = 200mA
VCE = 2V, IC = 250mA
VCE = 2V, IC = 300mA
for ULQ2004A
VCE = 2V, IC = 125mA
VCE = 2V, IC = 200mA
VCE = 2V, IC = 275mA
VCE = 2V, IC = 350mA
13
2.4
2.7
3
5
6
7
8
V
V
V
V
V
V
V
V
5
5
5
5
5
5
5
5
hFE
DC Forward Current Gain
for ULQ2001A
VCE = 2V, IC = 350mA
1000
–
2
Ci
Input Capacitance
15
25 (*)
pF
–
tPLH
Turn-on Delay Time
0.5 Vi to 0.5 Vo
0.25
1 (*)
µs–
tPHL
Turn-off Delay Time
0.5 Vi to 0.5 Vo
0.25
1 (*)
µs–
IR
Clamp Diode Leakage
Current
VR = 50V
TJ = 105
°C, VR = 50V
50
100
µA
µA
6
6
VF
Clamp Diode Forward
Voltage
IF = 350mA
1.7
2
V
7
(*) Guaranteed by design
ULQ2001A - ULQ2002A - ULQ2003A - ULQ2004A
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com