Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETF02FPPbF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 10ETF02FPPbF
Description  Fast Soft Recovery Rectifier Diode, 10 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETF02FPPbF Datasheet(HTML) 6 Page - Vishay Siliconix

  10ETF02FPPbF Datasheet HTML 1Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 2Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 3Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 4Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 5Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 6Page - Vishay Siliconix 10ETF02FPPbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94089
6
Revision: 28-May-08
10ETF..FPPbF Soft Recovery Series
Vishay High Power Products
Fast Soft Recovery
Rectifier Diode, 10 A
ORDERING INFORMATION TABLE
1
-
Current rating (10 = 10 A)
2
-
Circuit configuration:
E = Single diode
3
-
Package:
T = TO-220AC
4
-
Type of silicon:
F = Fast soft recovery rectifier
5
-
Voltage code x 100 = VRRM
6
-
FULL-PAK
7
-
None = Standard production
PbF = Lead (Pb)-free
02 = 200 V
04 = 400 V
06 = 600 V
Device code
5
13
24
67
10
E
T
F
06
FP
PbF
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95005
Part marking information
http://www.vishay.com/doc?95009



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com