Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52340SP Datasheet(PDF) 21 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
1. Input SG3 and measure the rms value of output signal a
pin 52.
2. P/N is defined as follows:
P/N = 20 log
P/N Video S/N
1. Input SS4P to VI IN.
2. Measure output amplitude, Cn1 and Cn2, at pins 41 and
43 respectively.
Decrease the input level of SG18. Measure the input level
when the element of 400Hz at pin 46 is 3dB smaller than
V0AFM (S6:Maximum AF output (6.0M)).
1. Measure the element of 400Hz of output at pin 46.
2. ATT is defined as follows:
ATT = 20 log
µAFTN is defined as follows:
µAFTN=
VONEG Measured Value(VP-P)X10
3
Measured Value(mVrms)
(dB)
1. Input SG4 and set the frequency f2 to 37.9MHz so that
the beat element of 1MHz is output to pin 52.
2. Then set the applied voltage at pin 4 so that the beat
element of 1MHz at pin 52 may be 100dB
µ.
3. Decrease f2 to the level at which the beat element
becomes 3dB smaller than the element of 1MHz, and
read the value at that level.
BW Video frequency characteristics
1. Input 90dBu SG6.
2. VA is the output level at pin 52. Increase SG6 voltage
until the output at pin 52 becomes 3dB smaller than VA.
The input level at that time is the maximum permissible
input.
Vin max. Maximum permissible input
Vin min. Input sensitivity
1. Decrease SG5 level until the video detector output is 3dB
smaller than the measured value of Parameter V3 "Video
detector output".
µAFTN AFT detector sensitivity (NEG)
V1HN
Maximum AFT voltage (NEG)
V1LN
Minimum AFT voltage (NEG)
See the following figure.
V1HN
V1LN
∆ f
P1
5.0V
3.0V
37.9MHz
39.9MHz
f0
f
(5.0-3.0)X10
3mV
∆ f KHz
(mV/KHz)
1. Adjust the applied voltage at pin 4 so that the lowest
output signal voltage at pin 52 is 2.2V.
IM Intermodulation
2.2V
P52
2. Measure elements of 1.07MHz and 4.43MHz of output at
pin 52.
3. IM is defined as follows:
IM = 20 log
Element of 1.07MHz
Element of 4.43MHz
(dB)
ATT Maximum attenuation
V0AFmax
Measured value
(dB)
LIM Input limiting sensitivity
AMR AMR
1. Vam is the element of 400Hz at pin 46.
2. AMR is defined as follows:
AMR = 20 log
V0AFS(mVrms)
Vam(mVrms)
(dB)
1. Measure the noise (20Hz to 100KHz) of output at pin 46.
2. AF S/N is defined as follows:
AF S/N = 20 log
AF S/N AF S/N
V0AFmax
Measured value
(dB)
Cn1 Standard chroma output 1 (PAL)
Cn2 Standard chroma output 2 (PAL)
ACC1 ACC characteristics 1
1. Input VS4P (eb=570mV:level+6dB) to VI IN.
2. Measure the output amplitude at pin 41.
3. ACC1 is defined as follows:
ACC1 = 20 log
Measured value (VP-P)
Cn1 (VP-P)
(dB)
ACC2 ACC characteristics 2
1. Input VS4P (input level:-20dB) to VI IN.
2. Measure the output amplitude at pin 41.
3. ACC2 is defined as follows:
ACC2 = 20 log
Measured value (VP-P)
Cn1 (VP-P)
(dB)
ELECTRICAL CHARACTERISTICS TEST METHOD
3dB
1MHz
100dB
µ
P52
BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com