Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT8000IP Datasheet(PDF) 4 Page - Exar Corporation

Part # XRT8000IP
Description  CLOCK SYNCHRONIZER/ADAPTER FOR COMMUNICATIONS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT8000IP Datasheet(HTML) 4 Page - Exar Corporation

  XRT8000IP Datasheet HTML 1Page - Exar Corporation XRT8000IP Datasheet HTML 2Page - Exar Corporation XRT8000IP Datasheet HTML 3Page - Exar Corporation XRT8000IP Datasheet HTML 4Page - Exar Corporation XRT8000IP Datasheet HTML 5Page - Exar Corporation XRT8000IP Datasheet HTML 6Page - Exar Corporation XRT8000IP Datasheet HTML 7Page - Exar Corporation XRT8000IP Datasheet HTML 8Page - Exar Corporation XRT8000IP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
;57

5HY 
'& (/(&75,&$/ &+$5$&7(5,67,&6 ([FHSW 6HULDO ,QWHUIDFH 2SHUDWLQJ 7HPSHUDWXUH -&WR -&
7HVW &RQGLWLRQV 7 -& 9 9 H  8QOHVV 2WKHUZLVH 6SHFLILHG
6\PERO
3DUDPHWHU
0LQ
7\S
0D[
8QLW
&RQGLWLRQV
9,/
,QSXW ORZ OHYHO

9
9,+
,QSXW KLJK OHYHO

9
92/
2XWSXW ORZ OHYHO &/.&/.

9
,2/  P$
92+
2XWSXW KLJK OHYHO &/.&/.

9
,2+  P$
92/
2XWSXW ORZ OHYHO /2&.'(76<1&

9
,2/  P$
92+
2XWSXW KLJK OHYHO /2&.'(76<1&

9
,2+  P$
,,/
,QSXW ORZ FXUUHQW &6%06%

P$
,,+
,QSXW KLJK FXUUHQW &6%06%

P$
9,1 9&&
,,/
,QSXW ORZ FXUUHQW H[FHSW &6%06%

P$
,,+
,QSXW KLJK FXUUHQW H[FHSW &6%06%

P$
9,1 9&&
,&&
2SHUDWLQJ FXUUHQW


P$
1R ORDG &ORFN  0+]
5,1
,QSXW SXOOXS UHVLVWDQFH &6%06%



.:
$& (/(&75,&$/ &+$5$&7(5,67,&6 6HH )LJXUH 
6\PERO
3DUDPHWHU
6SHF
0LQ
7\S
0D[
8QLW
&RQGLWLRQV
7
,QSXW IUHTXHQF\


0+]
7
0LQLPXP LQSXW VLJQDO KLJK WR
ORZ GXUDWLRQ

QV
7
2XWSXW IUHTXHQF\


.+]
7
'XW\ F\FOH &/. &/.




9&& VZLWFK SRLQW S)
ORDG
7
-LWWHU DGGHG .+].+]



8,
2XWSXW 0+]
7
-LWWHU DGGHG +].+]


8,
2XWSXW 0+]
7
%URDG %DQGMLWWHU



8,
2XWSXW 0+]
7
-LWWHU DGGHG +].+]



8,
2XWSXW 0+]
7
-LWWHU DGGHG N+].+]



8,
2XWSXW 0+]
7
&DSWXUH WLPH

PV
7
&ORFN RXWSXW ULVH WLPH

QV
S) ORDG 0HDVXUHG DW
 
7
&ORFN RXWSXW IDOO WLPH

QV
S) ORDG 0HDVXUHG DW
 
7
'XW\ F\FOH 6<1&



9&& VZLWFK SRLQW
LQ PDVWHU IRUZDUG PRGH 
S) ORDG
7
'HOD\ WLPH EHWZHHQ WKH ULVLQJ
HGJH RI 6<1& DQG WKH ULVLQJ
HGJH RI &/. RU &/.
7
7
7
QV
6HH WDEOH  IRU YDOXHV RI 7
1RWHV
 7
7
77



 7
7
77




 6SHFLILFDWLRQV IURP $77 3XEOLFDWLRQ  DQG ,787 5HFRPPHQGDWLRQV * IRU 0+] DQG 0+] UHVSHFWLYHO\ 
 7 LV JXDUDQWHHG E\ FKDUDFWHUL]DWLRQ QRW WHVWHG
6SHFLILFDWLRQV DUH VXEMHFW WR FKDQJH ZLWKRXW QRWLFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com