Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS13-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS13-M3
Description  Ideal for automated placement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS13-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SS13-M3 Datasheet HTML 1Page - Vishay Siliconix SS13-M3 Datasheet HTML 2Page - Vishay Siliconix SS13-M3 Datasheet HTML 3Page - Vishay Siliconix SS13-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS12-M3, SS13-M3, SS14-M3, SS15-M3, SS16-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Aug-15
2
Document Number: 89406
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) PCB mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS SYMBOL
SS12
SS13
SS14
SS15
SS16
UNIT
Maximum instantaneous forward
voltage
1.0 A
VF (1)
0.50
0.75
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR (1)
0.2
mA
TA = 100 °C
6.0
5.0
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS12
SS13
SS14
SS15
SS16
UNIT
Typical thermal resistance
RJA (1)
88
°C/W
RJL (1)
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS14-M3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SS14-M3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
0
0.5
1.0
025
50
75
100
125
150
Lead Temperature (°C)
PCB Mounted on 0.2" x 0.2"
(5.0 mm x 5.0 mm) Copper Pad Area
SS12 thru SS16
1
10
100
0
10
20
30
40
50
At Rated T
L
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com