Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGE8HT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UGE8HT
Description  Soft recovery characteristics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGE8HT Datasheet(HTML) 1 Page - Vishay Siliconix

  UGE8HT Datasheet HTML 1Page - Vishay Siliconix UGE8HT Datasheet HTML 2Page - Vishay Siliconix UGE8HT Datasheet HTML 3Page - Vishay Siliconix UGE8HT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UGE8HT, UGE8JT
www.vishay.com
Vishay General Semiconductor
Revision: 19-Apr-16
1
Document Number: 87926
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Ultrafast Rectifier
FEATURES
• Power pack
• Glass passivated pellet chip junction
• Ultrafast recovery time
• Soft recovery characteristics
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 275 °C max., 10 s per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high voltage and high frequency power factor
correction application.
MECHANICAL DATA
Case: TO-220AC
Molding compound meets UL 94V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)8.0 A
VRRM
500 V, 600 V
IFSM
100 A
trr
25 ns
tfr
500 ns
VF at IF = 8 A
1.5 V
TJ max.
150 °C
Package
TO-220AC
Diode variation
Single die
CASE
PIN 2
PIN 1
UGE8HT, UGE8JT
TO-220AC
1
2
1
MAXIMUM RATINGS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UGE8HT
UGE8JT
UNIT
Max. repetitive peak reverse voltage
VRRM
500
600
V
Max. working reverse voltage
VRWM
400
480
V
Max. RMS voltage
VRMS
350
420
V
Max. DC blocking voltage
VDC
500
600
V
Max. average forward rectified current
IF(AV)
8.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - UGE8HT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UGE8HT VISHAY-UGE8HT Datasheet
84Kb / 4P
High Voltage Ultrafast Rectifier
19-Apr-16
UGE8HT VISHAY-UGE8HT_V01 Datasheet
84Kb / 4P
High Voltage Ultrafast Rectifier
19-Apr-16
More results

Similar Description - UGE8HT

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BYP102 SIEMENS-BYP102 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
BYP301 SIEMENS-BYP301 Datasheet
25Kb / 3P
FRED Diode (Fast recovery epitaxial diode Soft recovery characteristics)
logo
SemiHow Co.,Ltd.
HDAE30U120G SEMIHOW-HDAE30U120G Datasheet
405Kb / 3P
Soft Recovery Characteristics
HDPE8U120G SEMIHOW-HDPE8U120G Datasheet
456Kb / 3P
Soft Recovery Characteristics
HDPE15U120G SEMIHOW-HDPE15U120G Datasheet
457Kb / 3P
Soft Recovery Characteristics
HDPE30U120G SEMIHOW-HDPE30U120G Datasheet
458Kb / 3P
Soft Recovery Characteristics
logo
Micro Commercial Compon...
MF200K04F4 MCC-MF200K04F4 Datasheet
570Kb / 4P
Soft Reverse Recovery Characteristics
MF200K06F2 MCC-MF200K06F2 Datasheet
543Kb / 4P
Soft Reverse Recovery Characteristics
MF300U12F2 MCC-MF300U12F2 Datasheet
527Kb / 4P
Soft Reverse Recovery Characteristics
MF400K04F3 MCC-MF400K04F3 Datasheet
587Kb / 4P
Soft Reverse Recovery Characteristics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com