Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFV10D331K Datasheet(PDF) 1 Page - Ceramate Technical

Part # NFV10D331K
Description  VARISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

NFV10D331K Datasheet(HTML) 1 Page - Ceramate Technical

  NFV10D331K Datasheet HTML 1Page - Ceramate Technical NFV10D331K Datasheet HTML 2Page - Ceramate Technical NFV10D331K Datasheet HTML 3Page - Ceramate Technical NFV10D331K Datasheet HTML 4Page - Ceramate Technical NFV10D331K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATIONS
PRODUCT:
VARISTOR
TYPE:
NFV10D□□□
□□□
□□□
□□□K
MODEL:
CITATION:
REVISION:
B01
TOTAL PAGES:
5
PAGE:
1/5
RELEASED DATE:
Oct. 15, 2001
REVISION HISTORY
NO
REV. DATE
DCR NO.
DESCRIPTION OF CHANGE
REV.
1
Oct. 15, 20015
NEW RELEASE
B01
2
3
4
5
6
7
8
9
10
11
12
Approved by
Checked by
Edited by
Yu-Chang Huang
Cloud Chen
Andy Chiang


Similar Part No. - NFV10D331K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
ON Semiconductor
NFVA22512NP2T ONSEMI-NFVA22512NP2T Datasheet
896Kb / 16P
ASPM34 Series Automotive 3-Phase 1200 V 25 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA23512NP2T ONSEMI-NFVA23512NP2T Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
NFVA25012NP2T ONSEMI-NFVA25012NP2T Datasheet
812Kb / 16P
Automotive 3-Phase 1200 V 50 A IGBT Intelligent Power Module
May, 2020 ??Rev. 0
NFVA33065L32 ONSEMI-NFVA33065L32 Datasheet
893Kb / 14P
3?뭁hase 650 V, 30 A Automotive Smart Power Module
November, 2018 ??Rev. 2
More results

Similar Description - NFV10D331K

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
Varistor
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
VARISTOR
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
VARISTOR
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
VARISTOR
logo
Ceramate Technical
GNR05D CERAMATE-GNR05D Datasheet
58Kb / 5P
VARISTOR
logo
Shindengen Electric Mfg...
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
Varistor
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com