Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2987 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2987
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2987 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP2987 Datasheet HTML 6Page - National Semiconductor (TI) LP2987 Datasheet HTML 7Page - National Semiconductor (TI) LP2987 Datasheet HTML 8Page - National Semiconductor (TI) LP2987 Datasheet HTML 9Page - National Semiconductor (TI) LP2987 Datasheet HTML 10Page - National Semiconductor (TI) LP2987 Datasheet HTML 11Page - National Semiconductor (TI) LP2987 Datasheet HTML 12Page - National Semiconductor (TI) LP2987 Datasheet HTML 13Page - National Semiconductor (TI) LP2987 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Electrical Characteristics (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, COUT = 4.7 µF, CIN = 2.2 µF, VS/D = 2V.
Symbol
Parameter
Conditions
Typical
LM2987/8AI-X.X
(Note 6)
LM2987/8I-X.X
(Note 6)
Units
Min
Max
Min
Max
Output Voltage
Temperature Coefficient
(Note 9)
20
ppm/˚C
I
DELAY
Delay Pin Current
Source
2.2
1.6
2.8
1.6
2.8
µA
1.4
3.0
1.4
3.0
SHUTDOWN INPUT
V
S/D
S/D Input Voltage
(Note 8)
V
H = O/P ON
1.4
1.6
1.6
V
V
L = O/P OFF
0.55
0.18
0.18
I
S/D
S/D Input Current
V
S/D =0
0
−1
−1
µA
V
S/D =5V
5
15
15
ERROR COMPARATOR
I
OH
Output “HIGH” Leakage
V
OH = 16V
0.01
11
µA
22
V
OL
Output “LOW” Voltage
V
IN =VO(NOM) − 0.5V,
I
O(COMP) = 300 µA
150
220
220
mV
350
350
V
THR
(MAX)
Upper Threshold Voltage
−4.6
−5.5
−3.5
−5.5
−3.5
%V
OUT
−7.7
−2.5
−7.7
−2.5
V
THR
(MIN)
Lower Threshold Voltage
−6.6
−8.9
−4.9
−8.9
−4.9
−13.0
−3.3
−13.0
−3.3
HYST
Hysteresis
2.0
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The ESD rating of the Bypass pin is 500V (LP2988 only.)
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ−A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
The value of
θJ−A for the SO-8 (M) package is 160˚C/W, and the mini SO-8 (MM) package is 200˚C/W. The value θJ−A for the LLP (LD) package is specifically
dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the LLP
package, refer to Application Note AN-1187. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown.
Note 4: If used in a dual-supply system where the regulator load is returned to a negative supply, the LM2987/8 output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN and VOUT terminals that is normally reverse-biased. Forcing the output above the input will turn
on this diode and may induce a latch-up mode which can damage the part (see Application Hints).
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
Note 8: To prevent mis-operation, the Shutdown input must be driven by a signal that swings above VH and below VL with a slew rate not less than 40 mV/µs (see
Application Hints).
Note 9: Temperature coefficient is defined as the maximum (worst-case) change divided by the total temperature range.
Note 10: See Typical Performance Characteristics curves.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com