Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1062803 Datasheet(PDF) 7 Page - SICK AG

Part # 1062803
Description  IMAGE-BASED CODE READERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062803 Datasheet(HTML) 7 Page - SICK AG

  1062803 Datasheet HTML 1Page - SICK AG 1062803 Datasheet HTML 2Page - SICK AG 1062803 Datasheet HTML 3Page - SICK AG 1062803 Datasheet HTML 4Page - SICK AG 1062803 Datasheet HTML 5Page - SICK AG 1062803 Datasheet HTML 6Page - SICK AG 1062803 Datasheet HTML 7Page - SICK AG 1062803 Datasheet HTML 8Page - SICK AG 1062803 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICR620C-T11503S50 OCR | Lector62x
IMAGE-BASED CODE READERS
Field of view
0
100 x 64
(3.94 x 2.52)
150 x 96
(5.91 x 3.78)
200 x 128
(7.87 x 5.04)
50 x 32
(1.97 x 1.26)
75 x 48
(2.95 x 1.89)
125 x 80
(4.92 x 3.15)
175 x 112
(6.89 x 4.41)
25 x 16
(0.98 x 0.63)
f = 7 mm (ICR620H-T11503, ICR620D-T11503, ICR620D-T17503, ICR620C-T11503S50)
0
Working distance/focus position in mm (inch)
Field of view in mm² (sq inch)
Min. resolution in mm (mil)
1D code
2D code
0.2
(7.9)
0.4
(15.7)
0.3
(11.8)
0.1
(3.9)
0.2
(7.9)
0.4
(15.7)
0.5
(19.7)
0.3
(11.8)
0.1
(3.9)
50
(1.97)
100
(3.94)
150
(5.91)
200
(7.87)
250
(9.84)
300
(11.81)
Recommended accessories
Other models and accessories
www.sick.com/Lector62x
Brief description
Type
Part no.
Mounting brackets and plates
Bracket with adapter board
Mounting bracket
2042902
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Fieldbus proxy/gateway for connecting identification sensors to PROFIBUS-DP networks
(PROFIBUS interface: 2 x M12, male connector/female connector, 5-pin)
CDF600-2100
1058965
Fieldbus proxy/gateway for connecting identification sensors to PROFIBUS-DP networks
(PROFIBUS interface: 1 x D-Sub, female connector, 9-pin)
CDF600-2103
1058966
Plug connectors and cables
Head A: female connector, M12, 17-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 2 m
Connection cable
(male connector -
female connector)
2055419
Head A: male connector, M12, 4-pin, D-coded
Head B: male connector, M12, 4-pin, D-coded
Cable: Ethernet, PUR, shielded, 2 m
SSL-1204-G02ME
6034420
2017-03-22 15:18:07 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com