Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC-14101 Datasheet(PDF) 1 Page - Bud Industries, Inc.

Part # HC-14101
Description  VALU/LINE SERIES CABINET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.

HC-14101 Datasheet(HTML) 1 Page - Bud Industries, Inc.

  HC-14101 Datasheet HTML 1Page - Bud Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.274
.328
SIDE VIEW
5.766
5.484
2.938
.281
.281
1.750
HC-14101
11-1-07
NAME
PART
No.
PART
DATE
REVISION
VALU/LINE SERIES CABINET
REAR VIEW
.281
2.938
1.000
16.750
3.375
10.000
1.000
FRONT VIEW
(LESS FRONT PANEL)
.312
.312
BETWEEN
COVERS
2.750
15.126
.375 TYP.
SIDES & OUTER BRACKETS ___ WHITE TEXTURED
FRONT PANEL ______________ NATURAL (OUTSIDE SURFACE TAPED WITH PVC)
INNER BRACKETS ___________ NATURAL
HANDLE EXTRUSIONS _______ CAUSTIC ETCH & CLEAR ANODIZED
FEET _______________________ BLACK
MATERIAL:
BACK & COVERS __________ 0.050 THICK ALUMINUM
SIDES & INNER BRACKETS ___ 0.090 THICK ALUMINUM
FRONT PANEL _____________ 0.125 THICK ALUMINUM
OUTER BRACKETS __________ 11 GA. C.R.S.
HANDLE EXTRUSIONS _______ ALUMINUM
FINISH:
BACK & COVERS ___________ PREPAINTED SMOOTH WHITE
UNIT SHIPPED UNASSEMBLED.
OUTER BRACKETS FOR MOUNTING IN
STANDARD 19" WIDE CABINETS.
OPTIONAL SELF-ADHESIVE RUBBER FEET (SUPPLIED)
LOAD RATING: 25 LBS. MAX.
FRONT VIEW
16.688 FRONT PANEL
HOLE
IN FRONT PANEL
(4) PLACES
.250
3.500
.875
1.750
18.930
.469
15.750
.250 x .406
OBROUND
(4) PLACES
A
A
DETAIL B
SCALE 2 : 1
3.250
2.438
2.338
.500 TYP.
TOP VIEW
13.000
2.000
16.930
B
SECTION A-A
.500 TYP.
2.750
1.375
.500
12.775
3.400


Similar Part No. - HC-14101

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HC-14100 BUD-HC-14100 Datasheet
107Kb / 1P
VALU/LINE SERIES CABINET
HC-14104 BUD-HC-14104 Datasheet
386Kb / 1P
VALU/LINE SERIES CABINET
HC-14106 BUD-HC-14106 Datasheet
370Kb / 1P
VALU/LINE SERIES CABINET
More results

Similar Description - HC-14101

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
HC-11497 BUD-HC-11497 Datasheet
99Kb / 1P
VALU/LINE SERIES CABINET
HC-14100 BUD-HC-14100 Datasheet
107Kb / 1P
VALU/LINE SERIES CABINET
HC-14106 BUD-HC-14106 Datasheet
370Kb / 1P
VALU/LINE SERIES CABINET
logo
List of Unclassifed Man...
AU-1039 ETC2-AU-1039 Datasheet
62Kb / 1P
UTILITY CABINET
HC-14097 ETC2-HC-14097 Datasheet
99Kb / 1P
VALU/LINE SERIES CABINET
logo
Bud Industries, Inc.
E-2000 BUD-E-2000 Datasheet
104Kb / 1P
SERIES 2000 UPRIGHT CABINET RACK
60-2300 BUD-60-2300 Datasheet
100Kb / 1P
SERIES 60 UPRIGHT CABINET RACK
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
SERIES 30 UPRIGHT CABINET RACK
HC-14104 BUD-HC-14104 Datasheet
386Kb / 1P
VALU/LINE SERIES CABINET
NHC-14157 BUD-NHC-14157 Datasheet
81Kb / 1P
VALU/LINE SERIES CABINET
11-1-07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com