Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS100-R11MF31 Datasheet(PDF) 2 Page - SICK AG

Part # IRS100-R11MF31
Description  TRACK AND TRACE SYSTEMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS100-R11MF31 Datasheet(HTML) 2 Page - SICK AG

  IRS100-R11MF31 Datasheet HTML 1Page - SICK AG IRS100-R11MF31 Datasheet HTML 2Page - SICK AG IRS100-R11MF31 Datasheet HTML 3Page - SICK AG IRS100-R11MF31 Datasheet HTML 4Page - SICK AG IRS100-R11MF31 Datasheet HTML 5Page - SICK AG IRS100-R11MF31 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
System type IRS100-x11xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
Ordering information
Type
Part no.
System type IRS100-x11xxxx
On request
The exact device specifications and performance data of the product may deviate from the information provided here, and
depend on the application in which the product is being used and the relevant customer specifications. Our regional sales or-
ganization will help you to select the optimum device configuration.
Other models and accessories
www.sick.com/ICR89x_System
Detailed technical data
Features
Camera type
ICR89x
Controller
MSC800
Illumination width
1,100 mm
Focus
Dynamic focus control
Read field width
1,000 mm
Read field height
600 mm
MTBF
80,000 h
MTTR
< 10 min
Image resolution
170 dpi (at 3.8 m/s)
Misalignment of the object
± 45°
Amount object sites/cameras
Top or side reading (1 camera)
Maximum amount object sites/cameras
Up to 6-side reading (16 cameras)
Conveyor type
Belt
Crossbelt
Roller
Tilt tray
Others on request
Typical conveyor height
500 mm ... 1,200 mm
Performance
Code types
Interleaved 2 of 5
Codabar
Code 128
Code 39
EAN/UPC with add-on
GS1-128 / EAN 128
Postal codes
Print ratio
2:1 ... 3:1
Minimum object distance
50 mm
2D code types
Data Matrix ECC200
MaxiCode
QR code
PDF417
Others on request
2
SYSTEM SOLUTIONS | SICK
Online data sheet | 2017-04-05 14:16:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com