Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS100-R53MF31 Datasheet(PDF) 5 Page - SICK AG

Part # IRS100-R53MF31
Description  TRACK AND TRACE SYSTEMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS100-R53MF31 Datasheet(HTML) 5 Page - SICK AG

  IRS100-R53MF31 Datasheet HTML 1Page - SICK AG IRS100-R53MF31 Datasheet HTML 2Page - SICK AG IRS100-R53MF31 Datasheet HTML 3Page - SICK AG IRS100-R53MF31 Datasheet HTML 4Page - SICK AG IRS100-R53MF31 Datasheet HTML 5Page - SICK AG IRS100-R53MF31 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
System type IRS100-x53xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
Dimensional drawing (Dimensions in mm (inch))
Camera ICR89x
Reading field diagram
Camera type ICD890 with illumination type ICI890 (1100 mm)
0
200
(7.87)
400
(15.75)
600
(23.62)
–200
(–7.87)
–400
(–15.75)
–600
(–23.62)
3,200
(125.98)
1,200
(47.24)
1,600
(62.99)
2,000
(78.74)
2,400
(94.49)
2,800
(110.24)
Reading distance in mm (inch)
Resolution
a: 0.15 mm (5.9 mil),
250 dpi
b: 0.20 mm (7.9 mil),
200 dpi
c: 0.25 mm (9.8 mil),
≥ 170 dpi
d: 0.30 mm (11.8 mil),
≥ 150 dpi
a
b
c
d
Reading field height in mm (inch)
2017-04-05 14:16:28 | Online data sheet
Subject to change without notice
SYSTEM SOLUTIONS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com