Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2995M Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2995M
Description  DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2995M Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2995M Datasheet HTML 4Page - National Semiconductor (TI) LP2995M Datasheet HTML 5Page - National Semiconductor (TI) LP2995M Datasheet HTML 6Page - National Semiconductor (TI) LP2995M Datasheet HTML 7Page - National Semiconductor (TI) LP2995M Datasheet HTML 8Page - National Semiconductor (TI) LP2995M Datasheet HTML 9Page - National Semiconductor (TI) LP2995M Datasheet HTML 10Page - National Semiconductor (TI) LP2995M Datasheet HTML 11Page - National Semiconductor (TI) LP2995M Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Component Selection (Continued)
the best solution when size and performance are critical,
although their cost is typically higher than any other capaci-
tor.
Capacitor recommendations for different application circuits
can be seen in the accompanying application notes with
supporting evaluation boards.
Thermal Dissipation
Since the LP2995 is a linear regulator any current flow from
V
TT will result in internal power dissipation generating heat.
To prevent damaging the part from exceeding the maximum
allowable junction temperature, care should be taken to
derate the part dependent on the maximum expected ambi-
ent temperature and power dissipation. The maximum allow-
able internal temperature rise (T
Rmax) can be calculated
given the maximum ambient temperature (T
Amax)ofthe
application and the maximum allowable junction temperature
(T
Jmax).
T
Rmax =TJmax −TAmax
From this equation, the maximum power dissipation (P
Dmax)
of the part can be calculated:
P
Dmax =TRmax /
θ
JA
The
θ
JA of the LP2995 will be dependent on several vari-
ables: the package used; the thickness of copper; the num-
ber of vias and the airflow. For instance, the
θ
JA of the SO-8
is 163˚C/W with the package mounted to a standard 8x4
2-layer board with 1oz. copper, no airflow, and 0.5W dissi-
pation at room temperature. This value can be reduced to
151.2˚C/W by changing to a 3x4 board with 2 oz. copper that
is the JEDEC standard. Figure 2 shows how the
θ
JA varies
with airflow for the two boards mentioned.
Layout is also extremely critical to maximize the output
current with the LLP package. By simply placing vias under
the DAP the
θ
JA can be lowered significantly. Figure 3 shows
the LLP thermal data when placed on a 4-layer JEDEC
board with copper thickness of 0.5/1/1/0.5 oz. The number of
vias, with a pitch of 1.27 mm, has been increased to the
maximum of 4 where a
θ
JA of 50.41˚C/W can be obtained.
Via wall thickness for this calculation is 0.036 mm for 1oz.
Copper.
Additional improvements in lowering the
θ
JA can also be
achieved with a constant airflow across the package. Main-
taining the same conditions as above and utilizing the 2x2
via array, Figure 4 shows how the
θ
JA varies with airflow.
20039321
θ
JA vs Airflow (SO-8)
FIGURE 2.
20039322
LLP-16
θ
JA vs # of Vias (4 Layer JEDEC Board))
FIGURE 3.
20039323
θ
JA vs Airflow Speed (JEDEC Board with 4 Vias)
FIGURE 4.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com