Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS060-R53OF31 Datasheet(PDF) 5 Page - SICK AG

Part # IRS060-R53OF31
Description  TRACK AND TRACE SYSTEMS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS060-R53OF31 Datasheet(HTML) 5 Page - SICK AG

  IRS060-R53OF31 Datasheet HTML 1Page - SICK AG IRS060-R53OF31 Datasheet HTML 2Page - SICK AG IRS060-R53OF31 Datasheet HTML 3Page - SICK AG IRS060-R53OF31 Datasheet HTML 4Page - SICK AG IRS060-R53OF31 Datasheet HTML 5Page - SICK AG IRS060-R53OF31 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
System type IRS060-x53xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
Dimensional drawing (Dimensions in mm (inch))
Camera ICR89x
Reading field diagram
Camera type ICD890 with illumination type ICI890 (900 mm)
0
a
b
2,200
(86.61)
1,800
(70.87)
1,400
(55.12)
2,600
(102.36)
600
(23.62)
400
(15.75)
200
(7.87)
–200
(–7.87)
–400
(–15.75)
–600
(–23.62)
Reading field height in mm (inch)
Reading distance in mm (inch)
Resolution
a: 0.15 mm (5.9 mil),
250 dpi
b: 0.20 mm (7.9 mil),
200 dpi
2017-04-05 14:16:28 | Online data sheet
Subject to change without notice
SYSTEM SOLUTIONS | SICK
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com