Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS060-R55OF23 Datasheet(PDF) 3 Page - SICK AG

Part # IRS060-R55OF23
Description  TRACK AND TRACE SYSTEMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS060-R55OF23 Datasheet(HTML) 3 Page - SICK AG

  IRS060-R55OF23 Datasheet HTML 1Page - SICK AG IRS060-R55OF23 Datasheet HTML 2Page - SICK AG IRS060-R55OF23 Datasheet HTML 3Page - SICK AG IRS060-R55OF23 Datasheet HTML 4Page - SICK AG IRS060-R55OF23 Datasheet HTML 5Page - SICK AG IRS060-R55OF23 Datasheet HTML 6Page - SICK AG IRS060-R55OF23 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
System type IRS060-x55xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
2014-10-16 14:19:06 | Online data sheet
Subject to change without notice
SYSTEM SOLUTIONS | SICK
3
Mechanics/electronics
Dimensions system (L x W x H)
3,350 mm x 2,450 mm x 2,100 mm (height up to 2,800 mm, depends on the height of the
conveyor)
Trigger
SICK WL18-3P430 1)
Encoder
SICK DFV60 2)
Power consumption
Depends on the configuration
1) If supplied by SICK.
2) 0.2 mm resolution (for belt conveyor only)
Ambient data
Bar code print contrast (PCS)
≤ 40 %
Ambient temperature operation
0 °C ... +50 °C
Ambient storage temperature
–20 °C ... +70 °C
Permissible relative humidity
95 %, non-condensing
Ambient light safety
2,000 lx, on code



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com