Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRS060-R55MF23 Datasheet(PDF) 6 Page - SICK AG

Part # IRS060-R55MF23
Description  TRACK AND TRACE SYSTEMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IRS060-R55MF23 Datasheet(HTML) 6 Page - SICK AG

  IRS060-R55MF23 Datasheet HTML 1Page - SICK AG IRS060-R55MF23 Datasheet HTML 2Page - SICK AG IRS060-R55MF23 Datasheet HTML 3Page - SICK AG IRS060-R55MF23 Datasheet HTML 4Page - SICK AG IRS060-R55MF23 Datasheet HTML 5Page - SICK AG IRS060-R55MF23 Datasheet HTML 6Page - SICK AG IRS060-R55MF23 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
System type IRS060-x55xxxx | ICR89x System
TRACK AND TRACE SYSTEMS
6
SYSTEM SOLUTIONS | SICK
Online data sheet | 2014-10-16 14:19:06
Subject to change without notice
Reading field diagram
Camera type ICD890 with illumination type ICI890 (900 mm)
0
a
b
2,200
(86.61)
1,800
(70.87)
1,400
(55.12)
2,600
(102.36)
600
(23.62)
400
(15.75)
200
(7.87)
–200
(–7.87)
–400
(–15.75)
–600
(–23.62)
Reading field height in mm (inch)
Reading distance in mm (inch)
Resolution
a: 0.15 mm (5.9 mil),
250 dpi
b: 0.20 mm (7.9 mil),
200 dpi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com