Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10ETFS Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 10ETFS
Description  Input rectifications where severe restrictions on conducted EMI should be met
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10ETFS Datasheet(HTML) 1 Page - Vishay Siliconix

  10ETFS Datasheet HTML 1Page - Vishay Siliconix 10ETFS Datasheet HTML 2Page - Vishay Siliconix 10ETFS Datasheet HTML 3Page - Vishay Siliconix 10ETFS Datasheet HTML 4Page - Vishay Siliconix 10ETFS Datasheet HTML 5Page - Vishay Siliconix 10ETFS Datasheet HTML 6Page - Vishay Siliconix 10ETFS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93134
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 22-Oct-08
1
Fast Soft Recovery
Rectifier Diode, 10 A
10ETF..S Soft Recovery Series
Vishay High Power Products
FEATURES/DESCRIPTION
The 10ETF..S fast soft recovery rectifier series has been
optimized for combined short reverse recovery time and low
forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
This product series has been designed and qualified for
industrial level.
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input rectifications where severe restrictions on conducted
EMI should be met
PRODUCT SUMMARY
VRRM
200 to 600 V
VF at 10 A
< 1.2 V
trr
50 ns
D2PAK (SMD-220)
Base
common
cathode
+
3
Anode
2
1
Anode --
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
200 to 600
V
IF(AV)
Sinusoidal waveform
10
A
IFSM
150
trr
1 A, 100 A/µs
50
ns
VF
10 A, TJ = 25 °C
1.2
V
TJ
Range
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
10ETF02S
200
300
2
10ETF04S
400
500
10ETF06S
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 128 °C, 180° conduction half sine wave
10
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
150
10 ms sine pulse, no voltage reapplied
160
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
112.5
A2s
10 ms sine pulse, no voltage reapplied
160
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
1125
A2
√s


Similar Part No. - 10ETFS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETF IRF-10ETF Datasheet
132Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
10ETF VISHAY-10ETF Datasheet
197Kb / 7P
This product series has been designed and qualified for industrial level
04-Jun-08
logo
International Rectifier
10ETF02 IRF-10ETF02 Datasheet
217Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Vishay Siliconix
10ETF02 VISHAY-10ETF02 Datasheet
831Kb / 8P
Fast Soft Recovery Rectifier Diode, 10 A
17-Apr-08
logo
Inchange Semiconductor ...
10ETF02 ISC-10ETF02 Datasheet
274Kb / 2P
Fast Soft Recovery Rectifier Diode
More results

Similar Description - 10ETFS

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VI-301 VARITRONIX-VI-301 Datasheet
28Kb / 1P
REMARKS:SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
VI-323 VARITRONIX-VI-323 Datasheet
30Kb / 1P
REMARKS:SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
VI-502 VARITRONIX-VI-502 Datasheet
28Kb / 1P
REMARKS :SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
VI-509 VARITRONIX-VI-509 Datasheet
29Kb / 1P
REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON P,C,B
VI-510 VARITRONIX-VI-510 Datasheet
28Kb / 1P
REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
VI-514 VARITRONIX-VI-514 Datasheet
28Kb / 1P
REMARKS SAME COMMON SHOULD BE CONNECTED TOGETHER ON P.C.B
VI-611 VARITRONIX-VI-611 Datasheet
36Kb / 1P
REMARKS: SAME COMMON SHOULD BE CONNECTED ON P.C.B.N.C = NO CONNECTION
VI-804 VARITRONIX-VI-804 Datasheet
36Kb / 1P
REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON THE P.C.B
logo
Hirose Electric
DF10-31S-2DSA62 HIROSE-DF10-31S-2DSA62 Datasheet
120Kb / 2P
KINK SHOULD BE GIVEN ON 2 BOTH EDGE SIDE PINS ALTERNATELY
logo
Fairchild Semiconductor
1032 FAIRCHILD-1032 Datasheet
39Kb / 2P
Performance Restrictions Associated
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com