Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP324 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP324
Description  Micropower Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP324 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP324 Datasheet HTML 1Page - National Semiconductor (TI) LP324 Datasheet HTML 2Page - National Semiconductor (TI) LP324 Datasheet HTML 3Page - National Semiconductor (TI) LP324 Datasheet HTML 4Page - National Semiconductor (TI) LP324 Datasheet HTML 5Page - National Semiconductor (TI) LP324 Datasheet HTML 6Page - National Semiconductor (TI) LP324 Datasheet HTML 7Page - National Semiconductor (TI) LP324 Datasheet HTML 8Page - National Semiconductor (TI) LP324 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics (Note 6) (Continued)
LP2902 (Note 9)
LP324
Symbol
Parameter
Conditions
Tested
Design
Tested
Design
Units
Typ
Limit
Limit
Typ
Limit
Limit
Limits
(Note 7)
(Note 8)
(Note 7)
(Note 8)
GBW
Gain Bandwidth
Product
100
100
KHz
SR
Slew Rate
50
50
V/mS
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The input voltage is not allowed to go more than −0.3V below V− (GND) as this will turn on a parasitic transistor causing large currents to flow through the
device.
Note 3: Short circuits from the output to GND can cause excessive heating and eventual destruction. The maximum sourcing output current is approximately 30 mA
independent of the magnitude of V+. At values of supply voltage in excess of 15 VDC, continuous short-circuit to GND can exceed the power dissipation ratings
(particularly at elevated temperatures) and cause eventual destruction. Destructive dissipation can result from simultaneous shorts on all amplifiers.
Note 4: For operation at elevated temperatures, these devices must be derated based on a thermal resistance of
θJA and TJ max. TJ =TA + θJAPD.
Note 5: The LP2902 may be operated from −40˚C
≤ TA ≤ +85˚C, and the LP324 may be operated from 0˚C ≤ TA ≤ +70˚C.
Note 6: Boldface numbers apply at temperature extremes. All other numbers apply only at TA =TJ = 25˚C, V
+ =5V, V
cm = V/2, and RL =100k connected to GND
unless otherwise specified.
Note 7: Guaranteed and 100% production tested.
Note 8: Guaranteed (but not 100% production tested) over the operating supply voltage range (3.0V to 32V for the LP324, LP324, and 3.0V to 26V for the LP2902),
and the common mode range (0V to V+ −1.5V), unless otherwise specified. These limits are not used to calculate outgoing quality levels.
Note 9: The LP2902 operating supply range is 3V to 26V, and is not tested above 26V.
Note 10: The test circuit used consists of the human body model of 100 pF in series with 1500
Ω.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com