Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBF2201N Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF2201N
Description  Power MOSFET 300 mAmps, 20 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF2201N Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF2201N Datasheet HTML 1Page - ON Semiconductor MMBF2201N Datasheet HTML 2Page - ON Semiconductor MMBF2201N Datasheet HTML 3Page - ON Semiconductor MMBF2201N Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBF2201N, NVF2201N
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 10 mA)
V(BR)DSS
20
−
−
Vdc
Zero Gate Voltage Drain Current
(VDS = 16 Vdc, VGS = 0 Vdc)
(VDS = 16 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
(VDS = VGS, ID = 250 mAdc)
VGS(th)
1.0
1.7
2.4
Vdc
Static Drain−to−Source On−Resistance
(VGS = 10 Vdc, ID = 300 mAdc)
(VGS = 4.5 Vdc, ID = 100 mAdc)
rDS(on)
−
−
0.75
1.0
1.0
1.4
W
Forward Transconductance (VDS = 10 Vdc, ID = 200 mAdc)
gFS
−
450
−
mMhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 5.0 V)
Ciss
−
45
−
pF
Output Capacitance
(VDS = 5.0 V)
Coss
−
25
−
Transfer Capacitance
(VDG = 5.0 V)
Crss
−
5.0
−
SWITCHING CHARACTERISTICS (Note 3)
Turn−On Delay Time
(VDD = 15 Vdc, ID = 300 mAdc,
RL = 50 W)
td(on)
−
2.5
−
ns
Rise Time
tr
−
2.5
−
Turn−Off Delay Time
td(off)
−
15
−
Fall Time
tf
−
0.8
−
Gate Charge (See Figure 5)
QT
−
1400
−
pC
SOURCE−DRAIN DIODE CHARACTERISTICS
Continuous Current
IS
−
−
0.3
A
Pulsed Current
ISM
−
−
0.75
Forward Voltage (Note 3)
VSD
−
0.85
−
V
2. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
3. Switching characteristics are independent of operating junction temperature.
TYPICAL CHARACTERISTICS
Figure 1. Typical Drain Characteristics
VDS, DRAIN-SOURCE VOLTAGE (VOLTS)
Figure 2. On Resistance versus Temperature
TEMPERATURE (
°C)
0.5
0.6
0.7
0.8
0.9
1.0
0
4
08
79
10
0.6
0.8
1.0
1.2
1.4
1.6
0
-60
12
3
5
6
0.1
0.2
0.3
0.4
0.4
0.2
-40 -20
0
20
40
60
80
100
120
140
160
VGS = 4 V
VGS = 3.5 V
VGS = 2.5 V
VGS = 3 V
VGS = 4.5 V
VGS = 10 V
ID = 100 mA
ID = 300 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com