Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3010S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC3010S
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC3010S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC3010S Datasheet HTML 1Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 2Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 3Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 4Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC3010S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Silan
Semiconductors
SC3010
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
2
BLOCK DIAGRAM
18
20
19
2
6
5
4
3
1
27
26
25
24
23
22
21
OSC
Test Mode
Select
Mode Selection
Keyboard
Encoder
Master
Reset
Generator
17
16
15
13
12
11
10
9
8
7
14
28
Output
Parallel to
Serial
converter
Command
and System
Address
Latch
Control
Unit
Keyboard
Driver
Decoder
Divider
Decoder
OSC
T1
T2
SMS
C3
C2
C1
C0
KI7
KI6
KI5
KI4
KI3
KI2
KI1
KI0
DOUT MDOUT
Vss
VDD
KO7
KO0
KO6
KO5
KO4
KO3
KO2
KO1
ABSOLUTE MAXIMUM RATING (Tamb=25°C, unless otherwise specified)
Characteristic
Symbol
Test conditions
Value
Unit
Supply Voltage*
VDD
VSS -0.3 ~ 5.5
V
Input Voltage*
VIN
VDD=3 V
-0.5 ~ VDD+0.5
V
Output Voltage*
VOUT
VDD=3 V
-0.5 ~ VDD+0.5
V
Operating Temperature
TOPR
VDD=3 V
-20~85
°C
NOTE: * = with reference to Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com