Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4818DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI4818DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4818DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4818DY Datasheet HTML 1Page - Vishay Siliconix SI4818DY Datasheet HTML 2Page - Vishay Siliconix SI4818DY Datasheet HTML 3Page - Vishay Siliconix SI4818DY Datasheet HTML 4Page - Vishay Siliconix SI4818DY Datasheet HTML 5Page - Vishay Siliconix SI4818DY Datasheet HTML 6Page - Vishay Siliconix SI4818DY Datasheet HTML 7Page - Vishay Siliconix SI4818DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Si4818DY
Vishay Siliconix
Document Number: 71122
S-31062—Rev. B, 26-May-03
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−1
0.00
0.01
0.02
0.03
0.04
0.05
0
6
12
18
24
30
On-Resistance vs. Drain Current
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
6
12
18
24
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
200
400
600
800
1000
0
6
12
18
24
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
0
6
12
18
24
30
0
2468
10
0
2
4
6
8
10
0
3
6
9
12
15
VGS = 10 thru 4 V
TC = 125_C
-55
_C
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 6.3 A
VGS = 10 V
ID = 6.3 A
3 V
25
_C
Output Characteristics
Transfer Characteristics
Gate Charge
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature (_C)
1 V
2 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com