Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAV199
Description  Dual surface mount low leakage diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV199 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAV199_13 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV199_13 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV199_13 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Dual surface mount low leakage diode
BAV199
C039
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
IR= 100μA
85
V
Reverse voltage leakage current
IR
VR=75V
VR=75V Tj=150℃
5.0
80
nA
nA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
900
1000
1100
1250
mV
Junction capacitance
Cj
VR=0V f=1MHz
2.0
pF
Reverse recovery time
trr
IF=IR=10mA Irr=0.1*IR
RL=100Ω
3.0
μS
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com