Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9063
Description  System PMIC for Mobile Application Processors
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9063_17 Datasheet HTML 17Page - Dialog Semiconductor DA9063_17 Datasheet HTML 18Page - Dialog Semiconductor DA9063_17 Datasheet HTML 19Page - Dialog Semiconductor DA9063_17 Datasheet HTML 20Page - Dialog Semiconductor DA9063_17 Datasheet HTML 21Page - Dialog Semiconductor DA9063_17 Datasheet HTML 22Page - Dialog Semiconductor DA9063_17 Datasheet HTML 23Page - Dialog Semiconductor DA9063_17 Datasheet HTML 24Page - Dialog Semiconductor DA9063_17 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 219 page
background image
DA9063
System PMIC for Mobile Application Processors
Datasheet
DA9063_2v1
23-Mar-2017
CFR0011-120-00
21 of 219
© 2017 Dialog Semiconductor
Operating Mode
Conditions (Note 1)
Backup
Device
Battery
Unit
LOW-POWER mode
VSYS > VDD_FAULT_LOWER,
supplies off (except LDOCORE), all
blocks in POWERDOWN mode,
RTC on, pulsed mode with limited
parametric compliance
18
µA
POWERDOWN mode
(Hibernate)
VSYS > VDD_FAULT_LOWER,
supplies off (except LDOCORE), all
blocks in POWERDOWN mode,
RTC on
40
µA
POWERDOWN mode (Standby)
BUCKCORE, LDOCORE, LDO2, 4,
5 enabled, RTC and GPIO unit on
65
Note 4
µA
ACTIVE mode
All supplies, GPIO, RTC and
GPADC on
320
µA
Note 1
nONKEY/CHG_WAKE/VDDREF detection circuit is enabled in all modes.
Note 2
See VBBAT current in RTC or DELIVERY modes [1]
Note 3
0 µA if no main battery available.
Note 4
Regulators are running in sleep mode.
5.4
Digital I/O Characteristics
Table 9: Digital I/O Electrical Characteristics, TJ = -40 ºC to +125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
GPI0 to GPI15, nOFF,
nSHUTDOWN
SYS_EN, PWR_EN,
PWR1_EN
Input High Voltage
VIH
VDDCORE mode
1.0
VSYS
V
VDD_IO2 mode
0.7*VDD_IO2
VSYS
GPI0 to GPI15, nOFF,
nSHUTDOWN
SYS_EN, PWR_EN,
PWR1_EN
Input Low Voltage
VIL
VDDCORE mode
-0.3
0.4
V
VDD_IO2 mode
-0.3
0.3*VDD_IO2
nONKEY, CHG_WAKE
Input High Voltage
VIH
RTC mode
1.0
VSYS
V
nONKEY, CHG_WAKE
Input Low Voltage
VIL
RTC mode
-0.3
0.4
V
CLK, DATA, SK, SI
(2-WIRE mode)
Input High Voltage
VIH
VDDCORE mode
1.0
V
VDD_IO2 mode
0.7*VDD_IO2
CLK, DATA, SK, SI
(2-WIRE mode)
Input Low Voltage
VIL
VDDCORE mode
0.4
V
VDD_IO2 mode
0.3*VDD_IO2
SK, nCS, SI
(4-WIRE mode)
Input High Voltage
VIH
0.7*VDD_IOx
V
SK, nCS, SI
(4-WIRE mode)
Input Low Voltage
VIL
0.3*VDD_IOx
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com