Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2902N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2902N
Description  Micropower Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2902N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2902N Datasheet HTML 1Page - National Semiconductor (TI) LP2902N Datasheet HTML 2Page - National Semiconductor (TI) LP2902N Datasheet HTML 3Page - National Semiconductor (TI) LP2902N Datasheet HTML 4Page - National Semiconductor (TI) LP2902N Datasheet HTML 5Page - National Semiconductor (TI) LP2902N Datasheet HTML 6Page - National Semiconductor (TI) LP2902N Datasheet HTML 7Page - National Semiconductor (TI) LP2902N Datasheet HTML 8Page - National Semiconductor (TI) LP2902N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP324/LP2902
Micropower Quad Operational Amplifier
General Description
The LP324 series consists of four independent, high gain
internally compensated micropower operational amplifiers.
These amplifiers are specially suited for operation in battery
systems while maintaining good input specifications, and
extremely low supply current drain. In addition, the LP324
has an input common mode range, and output source range
which includes ground, making it ideal in single supply ap-
plications.
These amplifiers are ideal in applications which include por-
table instrumentation, battery backup equipment, and other
circuits which require good DC performance and low supply
current.
Features
n
Low supply current:
85µA (typ)
n
Low offset voltage:
2mV (typ)
n
Low input bias current:
2nA (typ)
n
Input common mode to GND
n
Interfaces to CMOS logic
n
Wide supply range:
3V < V
+
< 32V
n
Small Outline Package available
n
Pin-for-pin compatible with LM324
Connection Diagrams
Dual-In-Line (N) and SO (M)
14-Pin TSSOP
00856201
Order Number LP324M or LP2902M
See NS Package Number M14A
Order Number LP324N or LP2902N
See NS Package Number N14A
00856240
Order Number LP324MT and LP324MTX
See NS Package Number MTC14
Simplified Schematic
00856202
July 2001
© 2001 National Semiconductor Corporation
DS008562
www.national.com


Similar Part No. - LP2902N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902N NSC-LP2902N Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
LP2902N NSC-LP2902N Datasheet
230Kb / 10P
Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902N TI-LP2902N Datasheet
240Kb / 9P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP2902N TI-LP2902N Datasheet
308Kb / 10P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP2902N TI-LP2902N Datasheet
411Kb / 12P
ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
More results

Similar Description - LP2902N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP-420 AD-OP-420 Datasheet
180Kb / 6P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
Micropower Quad Operational Amplifier
logo
Analog Devices
OP420CY AD-OP420CY Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP420G AD-OP420G Datasheet
111Kb / 8P
Quad Micropower Operational Amplifier
REV. A
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420 AD-OP420_15 Datasheet
121Kb / 8P
Quad Micropower Operational Amplifier
REV. A
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com