Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2001T2DNZ Datasheet(PDF) 2 Page - Rohm

Part # RF2001T2DNZ
Description  Super Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF2001T2DNZ Datasheet(HTML) 2 Page - Rohm

  RF2001T2DNZ Datasheet HTML 1Page - Rohm RF2001T2DNZ Datasheet HTML 2Page - Rohm RF2001T2DNZ Datasheet HTML 3Page - Rohm RF2001T2DNZ Datasheet HTML 4Page - Rohm RF2001T2DNZ Datasheet HTML 5Page - Rohm RF2001T2DNZ Datasheet HTML 6Page - Rohm RF2001T2DNZ Datasheet HTML 7Page - Rohm RF2001T2DNZ Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RF2001T2DNZ
lElectrical Characteristic Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
0
50
100
150
200
T
j = 25°C
T
j = 150°C
T
j = 75°C
T
j = 125°C
T
j = -40°C
per diode
0.001
0.01
0.1
1
10
100
0
200 400 600 800 1000 1200 1400 1600
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = 150°C
T
j = -40°C
per diode
10
100
1000
0
5
10
15
20
25
30
f = 1MHz
T
a = 25°C
per diode
1
10
100
1000
1
10
100
T
j = 25°C
per diode
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
NUMBER OF CYCLES
I
FSM-CYCLE CHARACTERISTICS
1cyc.
8.3ms
I
FSM
8.3ms
2/4
2016.08 - Rev.A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com