Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3961 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3961
Description  800mA Fast Ultra Low Dropout Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3961 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3961 Datasheet HTML 9Page - National Semiconductor (TI) LP3961 Datasheet HTML 10Page - National Semiconductor (TI) LP3961 Datasheet HTML 11Page - National Semiconductor (TI) LP3961 Datasheet HTML 12Page - National Semiconductor (TI) LP3961 Datasheet HTML 13Page - National Semiconductor (TI) LP3961 Datasheet HTML 14Page - National Semiconductor (TI) LP3961 Datasheet HTML 15Page - National Semiconductor (TI) LP3961 Datasheet HTML 16Page - National Semiconductor (TI) LP3961 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Applications Information (Continued)
Dropout Voltage
The dropout voltage of a regulator is defined as the minimum
input-to-output differential required to stay within 2% of the
output voltage. The LP3961/LP3964 use an internal MOS-
FET with an Rds(on) of 240m
Ω (typically). For CMOS LDOs,
the dropout voltage is the product of the load current and the
Rds(on) of the internal MOSFET.
Reverse Current Path
The internal MOSFET in LP3961and LP3964 has an inher-
ent parasitic diode. During normal operation, the input volt-
age is higher than the output voltage and the parasitic diode
is reverse biased. However, if the output is pulled above the
input in an application, then current flows from the output to
the input as the parasitic diode gets forward biased. The out-
put can be pulled above the input as long as the current in
the parasitic diode is limited to 200mA continuous and 1A
peak.
Maximum Output Current Capability
LP3961 and LP3964 can deliver a continuous current of
800mA over the full operating temperature range. A heatsink
may be required depending on the maximum power dissipa-
tion and maximum ambient temperature of the application.
Under all possible conditions, the junction temperature must
be within the range specified under operating conditions.
The total power dissipation of the device is given by:
P
D =(VIN−VOUT)IOUT+(VIN)IGND
where I
GND is the operating ground current of the device
(specified under Electrical Characteristics).
The maximum allowable temperature rise (T
Rmax) depends
on the maximum ambient temperature (T
Amax) of the appli-
cation, and the maximum allowable junction temperature(T
J-
max
):
T
Rmax =TJmax−TAmax
The maximum allowable value for junction to ambient Ther-
mal Resistance,
θ
JA, can be calculated using the formula:
θ
JA =TRmax /PD
LP3961 and LP3964 are available in TO-220, TO-263, and
SOT-223 packages. The thermal resistance depends on
amount of copper area or heat sink, and on air flow. If the
maximum allowable value of
θ
JA calculated above is ≥ 60
˚C/W for TO-220 package,
≥60 ˚C/W for TO-263 package,
and
≥ 140 ˚C/W for SOT-223 package, no heatsink is
needed since the package can dissipate enough heat to sat-
isfy these requirements. If the value for allowable
θ
JA falls
below these limits, a heat sink is required.
Heatsinking TO-220 Packages
The thermal resistance of a TO220 package can be reduced
by attaching it to a heat sink or a copper plane on a PC
board. If a copper plane is to be used, the values of
θ
JA will
be same as shown in next section for TO263 package.
The heatsink to be used in the application should have a
heatsink to ambient thermal resistance,
θ
HA≤θJA − θCH − θJC.
In this equation,
θ
CH is the thermal resistance from the junc-
tion to the surface of the heat sink and
θ
JC is the thermal re-
sistance from the junction to the surface of the case.
θ
JC is
about 3˚C/W for a TO220 package. The value for
θ
CH de-
pends on method of attachment, insulator, etc.
θ
CH varies
between 1.5˚C/W to 2.5˚C/W. If the exact value is unknown,
2˚C/W can be assumed.
Heatsinking TO-263 and SOT-223 Packages
The TO-263 and SOT223 packages use the copper plane on
the PCB as a heatsink. The tab of these packages are sol-
dered to the copper plane for heat sinking.
Figure 3 shows a
curve for the
θ
JA of TO-263 package for different copper area
sizes, using a typical PCB with 1 ounce copper and no solder
mask over the copper area for heat sinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. The minimum
value for
θ
JA for the TO-263 packag mounted to a PCB is
32˚C/W.
Figure 4 shows the maximum allowable power dissipation
for TO-263 packages for different ambient temperatures, as-
suming
θ
JA is 35˚C/W and the maximum junction tempera-
ture is 125˚C.
Figure 5 shows a curve for the
θ
JA of SOT-223 package for
different copper area sizes, using a typical PCB with 1 ounce
copper and no solder mask over the copper area for heat
sinking.
DS101129-32
FIGURE 3.
θ
JA vs Copper(1 Ounce) Area for TO-263
package
DS101129-33
FIGURE 4. Maximum power dissipation vs ambient
temperature for TO-263 package
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com