Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1828Z Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1828Z
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1828Z Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1828Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1828Z Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SSD1828
Rev 1.10
07/2002
SOLOMON
34
Table 17 - Parallel Timing Characteristics (TA = -40 to 85
°C, VDD = 2.7V, VSS =0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time (write cycle)
100
500
-
ns
tAS
Address Setup Time
0
-
25
ns
tAH
Address Hold Time
0
-
-
ns
tDSW
Write Data Setup Time
30
-
-
ns
tDHW
Write Data Hold Time
5
-
-
ns
tDHR
Read Data Hold Time
10
-
50
ns
tOH
Output Disable Time
-
-
40
ns
tACC
Access Time (RAM)
Access Time (command)
15
15
-
-
-
-
ns
ns
PWCSL
Chip Select Low Pulse Width (read RAM)
Chip Select Low Pulse Width (read Command)
Chip Select Low Pulse Width (write)
250
250
50
-
-
-
-
-
-
ns
ns
ns
PWCSH
Chip Select High Pulse Width (read)
Chip Select High Pulse Width (write)
100
100
-
-
-
-
ns
ns
tR
Rise Time
-
-
10
ns
tF
Fall Time
-
-
10
ns
Valid Data
t
cycle
t
DSW
t
AS
t
AH
t
DHR
t
AC C
CS
D/C
D
0-D7
RD (E)
Valid Data
D
0-D7
(Write data to driver)
(Read data from driver)
t
DH W
PW
CSL
PW
CSH
t
F
t
R
t
OH
WR (R/W)
Figure 13 - Parallel 8080-series Interface Timing Characteristics (PS0 = H, PS1 = L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com