Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-25CTQ035PbF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-25CTQ035PbF
Description  Schottky Rectifier, 2 x 15 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25CTQ035PbF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-25CTQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-25CTQ035PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-25CTQ...PbF Series, VS-25CTQ...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Aug-11
1
Document Number: 94173
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 15 A
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical strength
and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
The VS-25CTQ... center tap Schottky rectifier series has
been optimized for very low forward voltage drop, with
moderate leakage. The proprietary barrier technology allows
for reliable operation up to 150 °C junction temperature.
Typical applications are in switching power supplies,
converters, freewheeling diodes, and reverse battery
protection.
PRODUCT SUMMARY
Package
TO-220AB
IF(AV)
2 x 15 A
VR
25 V, 40 V, 45 V
VF at IF
0.50 V
IRM max.
70 mA at 125 °C
TJ max.
150 °C
Diode variation
Common cathode
EAS
20 mJ
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
TO-220AB
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
30
A
VRRM
Range
35 to 45
V
IFSM
tp = 5 μs sine
990
A
VF
15 Apk, TJ = 125 °C (per leg)
0.50
V
TJ
Range
- 55 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-
25CTQ035PbF
VS-
25CTQ035-N3
VS-
25CTQ040PbF
VS-
25CTQ040-N3
VS-
25CTQ045PbF
VS-
25CTQ045-N3
UNITS
Maximum DC
reverse voltage
VR
35
35
40
40
45
45
V
Maximum working
peak reverse
voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 102 °C, rectangular waveform
30
A
Maximum peak one cycle non-repetitive
surge current per leg
See fig. 7
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated
VRRM applied
990
A
10 ms sine or 6 ms rect. pulse
250
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 3.0 A, L = 4.40 mH
20
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
3A


Similar Part No. - VS-25CTQ035PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25CTQ035PBF VISHAY-VS-25CTQ035PBF Datasheet
173Kb / 8P
Schottky Rectifier
26-Aug-11
More results

Similar Description - VS-25CTQ035PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
Schottky Rectifier, 2 x 15 A
16-Mar-10
30CPQ080GPBF VISHAY-30CPQ080GPBF_12 Datasheet
182Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
30CTQ080PBF VISHAY-30CTQ080PBF_12 Datasheet
174Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
MBR3035WTPBF VISHAY-MBR3035WTPBF_12 Datasheet
162Kb / 7P
Schottky Rectifier, 2 x 15 A
30-Aug-11
VS-32CTQ025PBF VISHAY-VS-32CTQ025PBF_15 Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 15 A
11-Oct-11
32CTQS VISHAY-32CTQS Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 15 A
21-Aug-08
VS-30CPQ0.0PBF VISHAY-VS-30CPQ0.0PBF Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
01-Sep-11
VS-30L30CTPBF VISHAY-VS-30L30CTPBF Datasheet
150Kb / 7P
Schottky Rectifier, 2 x 15 A
26-Aug-11
VS-30CTQ0-N3 VISHAY-VS-30CTQ0-N3 Datasheet
170Kb / 7P
Schottky Rectifier, 2 x 15 A
11-Oct-11
VS-30CPQ1PBF VISHAY-VS-30CPQ1PBF_V01 Datasheet
132Kb / 7P
Schottky Rectifier, 2 x 15 A
02-Dec-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com