Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-30CPQ035PbF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-30CPQ035PbF
Description  Schottky Rectifier, 2 x 15 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CPQ035PbF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-30CPQ035PbF Datasheet HTML 1Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 2Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 3Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 4Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 5Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 6Page - Vishay Siliconix VS-30CPQ035PbF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-30CPQ0...PbF Series, VS-30CPQ0...-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 01-Sep-11
2
Document Number: 94182
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
15 A
TJ = 25 °C
0.54
V
30 A
0.68
15 A
TJ = 125 °C
0.50
30 A
0.64
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
1.75
mA
TJ = 125 °C
70
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
900
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
7.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
2.20
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
1.10
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.24
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
Non-lubricated threads
6 (5)
kgf
cm
(lbf
in)
maximum
12 (10)
Marking device
Case style TO-247AC (JEDEC)
30CPQ035
30CPQ040
30CPQ045



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com