Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52342 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M52342
Description  PLL-SPLIT VIF/SIF IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52342 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M52342 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52342 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MITSUBISHI ICs (TV)
M52342FP
PLL-SPLIT VIF/SIF IC
2
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C, surge protection capacitance 200pF resistance 0Ω, unless otherwise noted)
AMBIENT OPERATING CONDITION (Ta=25
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VCC=5V, Ta=25
°C, unless otherwise noted)
Symbol
Parameter
Condition
Ratings
Unit
VCC
Supply voltage1
VCC and Vreg. out is not connected to each
other.
13.2
V
Vreg.
OUT
Supply voltage Vreg. OUT
VCC and Vreg. out is not connected to each
other.
6.0
V
Pd
Power dissipation
1524
mW
Topr
Operating temperature
-20 to +75
°C
Tstg
Storage temperature
-40 to +150
°C
Surge
Surge voltage resistance
±200
V
Supply voltage
Supply voltage range
Recommended supply
voltage
In case of VCC and
Vreg. out short
4.75 to 5.25V
5.0V
In case of Vreg. out
open
8.5 to 12.5V
−
Symbol
Parameter
Test
circuit
Test
point
Input
point
Input
SG
Measurement condition
Limits
Unit
External
power supply
switches set to
position 1 unless
otherwise indicated
V7 V8 V12
Min.
Typ.
Max.
VIF section
ICC1
Circuit current1
VCC=5V
1
A
VIF IN
SG1
−− 5 V
CC
=5V
SW17=1, SW14=2
33
46
59
mA
ICC2
Circuit current2
VCC=12V
1
A
VIF IN
SG1
−− 5 V
CC
=12V
SW14=SW17=2
33
46
59
mA
VCC2
Vreg voltage
1
TP17
−−
− − 5 V
CC
=12V
SW7=2
4.60
4.95
5.30
V
V18
Video output DC voltage
1
TP18A
−−
− 0 − SW8=2
3.2
3.5
3.8
V
Vo det
Video output voltage
1
TP18A VIF IN
SG1
−−−
1.8
2.1
2.4
VP-P
Video S/N
Video S/N
1
TP18B VIF IN
SG2
−−− SW18=2
51
56
−
dB
BW
Video band width
1
TP18A VIF IN
SG3
− Vari
able
− SW8=2
7.0
9.0
−
MHz
VIN MIN
Input sensitivity
1
TP18A VIF IN
SG4
−−−
−
48
52
dB
µ
VIN MAX
Maximum allowable
input
1
TP18A VIF IN
SG5
−−−
101
105
−
dB
µ
GR
AGC control range input
−−−−
−−−
50
57
−
dB
V8
IF AGC voltage
1
TP8
VIF IN
SG6
−−−
2.9
3.2
3.5
V
V8H
Maximum IF AGC
voltage
1
TP8
−−
−−−
4.0
4.4
−
V
V8L
Minimum IF AGC
voltage
1
TP8
VIF IN
SG7
−−−
2.2
2.4
2.6
V
V3H
Maximum RF AGC
voltage
1
TP3
VIF IN
SG6
−−−
4.2
4.7
−
V
(VCC=9V)
8.0
8.9
−
(VCC=12V)
11.0
11.9
−
V3L
Minimum RF AGC
voltage
1
TP3
VIF IN
SG7
−−−
−
0.1
0.5
V
(VCC=9V)
−
0.2
0.7
(VCC=12V)
−
0.2
0.7
V3
RF AGC operation
voltage
1
TP3
VIF IN
SG8
−−−
89
92
95
dB
µ
CL-U
Capture range U
1
TP18A VIF IN
SG9
−−−
1.0
1.7
−
MHz
CL-L
Capture range L
1
TP18A VIF IN
SG9
−−−
1.8
2.4
−
MHz
CL-T
Capture range T
1
−
−
−
−−−
3.1
4.1
−
MHz
µ
AFT sensitivity
1
TP2
VIF IN SG10
−− 3.3
20
30
60
mV/kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com