Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB6000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB6000
Description  QPSK DVB/DIRECTVTM direct conversion tuner IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB6000 Datasheet(HTML) 1 Page - STMicroelectronics

  STB6000 Datasheet HTML 1Page - STMicroelectronics STB6000 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATA BRIEF
March 2004
1/2
STB6000
QPSK DVB/DIRECTVTM direct conversion tuner IC
®
Description
The STB6000 ASIC is a highly integrated, low
cost direct conversion (zero IF) tuner IC for
digital broadcast satellite (DBS) television
applications.
This device includes an LNA, down-converting
mixers, baseband low pass filters, gain control,
on chip VCO and a low noise PLL. Its wide gain
control range is well suited for low symbol rate
applications.
The STB6000 is controlled by a simple two wire
interface and has been designed to minimize the
external bill of materials to reduce manufacturing
costs and to simplify the board layout. The
reduced component count ensures greater
system reliability leading to increase consumer
satisfaction.
When used together, the STB6000and ST’s
successful STV0299 BPSK/QPSK deomdulator IC
combine to form a highly cost effective complete
satellite front end that can seamlessly interface to
ST’s OMEGA range of set-top box decoders.
Packaged in a small QFN 32-pin package, it is ideal
for low cost DBS design.
Application: Integrated silicon tuner
XO_BYP
XTALB
XOOUT
IOUT
IOUTB
QOUTB
QOUT
XTAL
VCCRF
RFIN
GND
GND
VCCMIX
GND
GND
GND
Synthesizer
/P
N
A
0°
90°
/R
BB
Gain
/K
CP
32
25
9
16
26
27
28
29
30
31
14
13
12
11
10
15
1
8
7
2
3
4
5
6
24
17
21
18
19
20
23
22
LD
AGC
2-Wire Bus
BW
DC Offset
Cancellation


Similar Part No. - STB6000

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STB6010 EIC-STB6010 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STB6010 EIC-STB6010 Datasheet
78Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
STB60100C SMC-STB60100C Datasheet
163Kb / 7P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB60100C SMCDIODE-STB60100C Datasheet
366Kb / 7P
SCHOTTKY RECTIFIER
Rev. A
STB60100C-A SMCDIODE-STB60100C-A Datasheet
275Kb / 4P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - STB6000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108 Datasheet
155Kb / 12P
Direct-Conversion Tuner IC
19-1449; Rev 0; 4/99
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
DIRECT CONVERSION SATELLITE TUNER
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
8PSK/QPSK direct conversion tuner IC
Sep-2004
logo
Maxim Integrated Produc...
MAX2108 MAXIM-MAX2108_05 Datasheet
174Kb / 12P
Direct-Conversion Tuner IC
Rev 1; 6/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
Direct-Conversion TV Tuner
Rev 6; 11/08
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
logo
Maxim Integrated Produc...
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com