Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4C3F60L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS4C3F60L
Description  StripFET™ MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4C3F60L Datasheet(HTML) 2 Page - STMicroelectronics

  STS4C3F60L Datasheet HTML 1Page - STMicroelectronics STS4C3F60L Datasheet HTML 2Page - STMicroelectronics STS4C3F60L Datasheet HTML 3Page - STMicroelectronics STS4C3F60L Datasheet HTML 4Page - STMicroelectronics STS4C3F60L Datasheet HTML 5Page - STMicroelectronics STS4C3F60L Datasheet HTML 6Page - STMicroelectronics STS4C3F60L Datasheet HTML 7Page - STMicroelectronics STS4C3F60L Datasheet HTML 8Page - STMicroelectronics STS4C3F60L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STS4C3F60L
2/11
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
Note: For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reversed
Table 4: Thermal Data
(1) When mounted on 1 inch² pad of 2 oz. copper, t
≤ 10 s
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On/Off
Table 6: Dynamic
(1) Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Symbol
Parameter
Value
Unit
N-CHANNEL
P-CHANNEL
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate-source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
Single Operating
43
A
ID
Drain Current (continuous) at TC = 100°C
Single Operating
2.5
1.9
A
IDM ( )
Drain Current (pulsed)
16
12
A
PTOT
Total Dissipation at TC = 25°C
2
W
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
Rthj-amb (1)
Thermal Resistance Junction-ambient
62.5
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 µA, VGS = 0
n-ch
p-ch
60
60
V
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS= Max Rating
VDS= Max Rating, TC= 125°C
n-ch
p-ch
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS= ± 16V
VGS= ± 16V
n-ch
p-ch
±100
±100
nA
nA
VGS(th)
Gate Threshold Voltage VDS = VGS, ID= 250 µA
n-ch
p-ch
1
1.5
V
V
RDS(on)
Static Drain-source On
Resistance
VGS= 10 V, ID= 2 A
VGS= 10 V, ID= 1.5 A
VGS= 4.5 V, ID= 2 A
VGS= 4.5 V, ID= 1.5 A
n-ch
p-ch
n-ch
p-ch
0.045
0.100
0.050
0.130
0.055
0.120
0.065
0.160
Ω
Ω
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs (1)
Forward
Transconductance
VDS = 30 V, ID= 2 A
VDS = 10 V, ID= 3 A
n-ch
p-ch
7
7.2
S
S
Ciss
Input Capacitance
VDS = 25V, f = 1 MHz, VGS = 0
n-ch
p-ch
1030
630
pF
pF
Coss
Output Capacitance
n-ch
p-ch
140
121
pF
pF
Crss
Reverse Transfer
Capacitance
n-ch
p-ch
40
49
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com