Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1082394 Datasheet(PDF) 7 Page - SICK AG

Part # 1082394
Description  IMAGE-BASED CODE READERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082394 Datasheet(HTML) 7 Page - SICK AG

Back Button 1082394 Datasheet HTML 3Page - SICK AG 1082394 Datasheet HTML 4Page - SICK AG 1082394 Datasheet HTML 5Page - SICK AG 1082394 Datasheet HTML 6Page - SICK AG 1082394 Datasheet HTML 7Page - SICK AG 1082394 Datasheet HTML 8Page - SICK AG 1082394 Datasheet HTML 9Page - SICK AG 1082394 Datasheet HTML 10Page - SICK AG 1082394 Datasheet HTML 11Page - SICK AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
V2D631D-MXCXB0 Flex OCR DPM | Lector63x
IMAGE-BASED CODE READERS
Selection Guide
Lector63x Compact C-mount
Focal length 35 mm
Aperture F8
2079344
Long – 37 mm
2079502
Focal length 12 mm
Aperture F8
2079348
Medium – 15 mm
2079501
Focal length 16 mm
Aperture F8
2079346
Long – 37 mm
2079502
Focal length 25 mm
Aperture F8
2079343
Medium – 15 mm
2079501
Protective hood
Lens
Integratable
lighting
Assembled
device, incl. all
mentioned parts
Medium, white
2078430
Medium – 37.7 mm
2079127
Body, incl.
C-mount module
Lector631
V2D631R-MXCXB0
1078473
Lector632
V2D632R-MXCXB0
1075881
Medium, blue
2083814
Medium, white
2078430
Long – 60 mm
2079204
Medium, blue
2083814
Long – 60 mm
2079204
Narrow, white
2078431
Medium – 37.7 mm
2079127
Narrow, blue
2083812
Medium – 37.7 mm
2079127
Narrow, white
2078431
Long – 60 mm
2079204
Narrow, blue
2083812
Long – 60 mm
2079204
Lector631, 16 mm, F8, white
V2D631R-MKMEB1
1080076
Lector632, 25 mm, F8, white
V2D632R-MWMFB4
1074081
Lector631, 25 mm, F8, white
V2D631R-MWMFB4
1080077
Lector632, 35 mm, F8, white
V2D632R-MWMGB1
1074082
Lector631, 35 mm, F8, white
V2D631R-MWMGB1
1080078
Medium – 37.7 mm
2079127
Lector631, 12 mm, F8, white
V2D631R-MKMDB4
1080075
Distance bracket
and light extension
connector
Lector632, 12 mm, F8, white
V2D632R-MKMDB4
1074079
Lector632, 16 mm, F8, white
V2D632R-MKMEB1
1074080
2017-04-07 16:36:27 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com