Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1082395 Datasheet(PDF) 7 Page - SICK AG

Part # 1082395
Description  IMAGE-BASED CODE READERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1082395 Datasheet(HTML) 7 Page - SICK AG

Back Button 1082395 Datasheet HTML 2Page - SICK AG 1082395 Datasheet HTML 3Page - SICK AG 1082395 Datasheet HTML 4Page - SICK AG 1082395 Datasheet HTML 5Page - SICK AG 1082395 Datasheet HTML 6Page - SICK AG 1082395 Datasheet HTML 7Page - SICK AG 1082395 Datasheet HTML 8Page - SICK AG 1082395 Datasheet HTML 9Page - SICK AG 1082395 Datasheet HTML 10Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
V2D631D-MXSXB0 Flex OCR DPM | Lector63x
IMAGE-BASED CODE READERS
Selection Guide
Lector63x S-mount
Protective hood
Lens
Integratable
lighting
Distance bracket
and light extension
connector
Assembled
device, incl. all
mentioned parts
Wide, white
2078428
Short – 22.7 mm
2079176
Body, incl.
S-mount module
Lector631
V2D631R-MXSXB0
1078472
Lector632
V2D632R-MXSXB0
1067380
Wide, blue
2083813
Medium, white
2078430
Short – 22.7 mm
2079176
Medium, blue
2083814
Short – 22.7 mm
2079176
Focal length 17.5 mm
Aperture F8
5330231
Medium, white
2078430
Short – 22.7 mm
2079176
Medium, blue
2083814
Short – 22.7 mm
2079176
Narrow, white
2078431
Medium – 37.7 mm
2079127
Narrow, blue
2083812
Medium – 37.7 mm
2079127
Focal length 25 mm
Aperture F8
2076656
Medium – 15 mm
2079501
Lector632, 12.5 mm, F8, white
V2D632R-MKSDB8
on request
Lector631, 12.5 mm, F8, white
V2D631R-MKSDB8
on request
Lector632, 17.5 mm, F8, white
V2D632R-MKSEB8
1074300
Lector631, 17.5 mm, F8, white
V2D631R-MKSEB8
1080072
Lector632, 25 mm, F8, white
V2D632R-MWSFB4
1074301
Lector631, 25 mm, F8, white
V2D631R-MWSFB4
1080073
Focal length 9.6 mm
Aperture F8
2079336
Short – 22.7 mm
2079176
Lector631, 9.6 mm, F8, white
V2D631R-MISCB8
1080070
Lector632, 9.6 mm, F8, white
V2D632R-MISCB8
1074299
Focal length 12.5 mm
Aperture F8
on request
2017-04-07 16:36:27 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com