Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2525 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T2525
Description  IR RECEIVER ASSP
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2525 Datasheet(HTML) 4 Page - ATMEL Corporation

  T2525 Datasheet HTML 1Page - ATMEL Corporation T2525 Datasheet HTML 2Page - ATMEL Corporation T2525 Datasheet HTML 3Page - ATMEL Corporation T2525 Datasheet HTML 4Page - ATMEL Corporation T2525 Datasheet HTML 5Page - ATMEL Corporation T2525 Datasheet HTML 6Page - ATMEL Corporation T2525 Datasheet HTML 7Page - ATMEL Corporation T2525 Datasheet HTML 8Page - ATMEL Corporation T2525 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
T2525
4657D–AUTO–11/03
ESD
All pins
Þ 2000V HBM; 200V MM, MIL-STD-883C, Method 3015.7
Reliability
Electrical qualification (1000h) in molded SO8 plastic package
3.5
Maximum detection
threshold current with
V
IN > 0V
Test signal:
see Figure 8 on page 7
V
S = 5 V, Tamb = 25°C,
I
IN_DC = 1 µA;
square pp,
burst N = 16,
f = f
0; tPER = 10 ms,
Figure 8 on page 7;
BER = 5%
(2)
3I
Eemax
-400
µA
D
4
Controlled Amplifier and Filter
4.1
Maximum value of
variable gain (CGA)
G
VARMAX
51
dB
D
4.2
Minimum value of
variable gain (CGA)
G
VARMIN
-5
dB
D
4.3
Total internal
amplification
(3)
GMAX
71
dB
D
4.4
Center frequency fusing
accuracy of bandpass
V
S = 5 V, Tamb = 25°C
f
0_FUSE
-3
f
0
+3
%
A
4.5
Overall accuracy center
frequencyofbandpass
f
0
-6.7
f
0
+4.1
%
C
4.6
BPF bandwidth:
type N0 - N3
-3 dB; f
0 = 38 kHz; see
Figure 6 on page 6
B3.5
kHz
C
BPF bandwidth:
type N6, N7
-3 dB; f0 = 38 kHz
Figure 6 on page 6
B5.4
kHz
C
Electrical Characteristics (Continued)
Tamb = 25°C, VS = 5 V unless otherwise specified.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Notes:
1. Depending on version, see “Ordering Information”
2. BER = Bit Error Rate; e.g., BER = 5% means that with P = 20 at the input pin 19...21 pulses can appear at the pin OUT
3. After transformation of input current into voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com