Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3963 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3963
Description  3A Fast Ultra Low Dropout Linear Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3963 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3963 Datasheet HTML 1Page - National Semiconductor (TI) LP3963 Datasheet HTML 2Page - National Semiconductor (TI) LP3963 Datasheet HTML 3Page - National Semiconductor (TI) LP3963 Datasheet HTML 4Page - National Semiconductor (TI) LP3963 Datasheet HTML 5Page - National Semiconductor (TI) LP3963 Datasheet HTML 6Page - National Semiconductor (TI) LP3963 Datasheet HTML 7Page - National Semiconductor (TI) LP3963 Datasheet HTML 8Page - National Semiconductor (TI) LP3963 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LP3963/LP3966
3A Fast Ultra Low Dropout Linear Regulators
General Description
The LP3963/LP3966 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very fast to step
changes in load which makes them suitable for low voltage
microprocessor applications. The LP3963/LP3966 are de-
veloped on a CMOS process which allows low quiescent
current operation independent of output load current.This
CMOS process also allows the LP3963/LP3966 to operate
under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 80mV
at 300mA load current and 800mV at 3A load current.
Ground Pin Current: Typically 6mA at 3A load current.
Shutdown Mode: Typically 15µA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value (for LP3963).
SENSE: Sense pin improves regulation at remote loads.
(For LP3966)
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.2V to 5.0V and adjustable, with
a guaranteed accuracy of ±1.5% at room temperature, and
±3.0% over all conditions ( varying line, load, and tempera-
ture).
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.06%
n
15µA quiescent current in shutdown mode
n
Guaranteed output current of 3A DC
n
Available in TO-263 and TO-220 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status (LP3963)
n
Sense option improves better load regulation (LP3966)
n
Extremely low output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
DS101267-1
# Minimum output capacitance is 10 µF to ensure stability over full load current range. More capacitance provides superior dynamic performance and additional
stability margin.
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See applications sec-
tion for more information.
April 2000
© 2000 National Semiconductor Corporation
DS101267
www.national.com


Similar Part No. - LP3963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3963 TI-LP3963 Datasheet
2Mb / 25P
Ultra Low Dropout Voltage, Low Ground Pin Current, Load Regulation of 0.06%
logo
National Semiconductor ...
LP3963-1.8 NSC-LP3963-1.8 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963-1.8 NSC-LP3963-1.8 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963ES-1.8 NSC-LP3963ES-1.8 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963ES-1.8 NSC-LP3963ES-1.8 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3963

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873_06 Datasheet
754Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3966 TI-LP3966_15 Datasheet
2Mb / 25P
3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com