Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL855PC Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ADL855PC
Description  ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855PC Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ADL855PC_17 Datasheet HTML 1Page - ADL Embedded Solutions ADL855PC_17 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - Plus
Data subject to change without notice
Embedded Solutions
Feature Technical Specifications
FEATURES
FUNCTIONS
REMARKS
OPTIONS
Processor/CPU:
Intel® Pentium® M / Celeron® M
1.0GHz - 1.8GHz
L2-Cache:
2048KB / 1024KB / 512KB
CPU Dependent
CPU-Clock:
1.0GHz
Celeron® M
CPU-Clock:
1.4GHz
Pentium® M
CPU-Clock:
1.5GHz
Celeron® M
CPU-Clock:
1.8GHz
Pentium® M
Chipset
Intel® 855GME / ICH4
Front Side Bus
400MHz
CPU Speed Steps:
100MHz software program. via CSR
N/A on Celeron M®
INTEL Speed Step Technology:
Geyserville III
N/A on Celeron M®
Memory 200pin DDR SODIMM:
128MB* – 1024MB
ECC Memory Supported
Video Controller:
855GME Intel Extreme Graphics 2
Video Memory:
1 – 32MB UMA DDR-RAM
64MB Window
Video Interfaces:
VGA-Analog, LVDS
Video Channel 1:
1600x1280x16 @ 85Hz max
Video Channel 2:
LVDS 18/24/36/48 Bit
36/48 requires second cable
Real Time Clock:
Yes
External Battery Required for RTC
LAN-Controller:
Intel® ICH4 – ext. PHY 82562EZ
10/100 MBit with PXE and RPL
AC97-Controller:
Intel® ICH4 – AC97 V2.3
ALC650 Codec 5.1 Sound
0°C to +70°C only
SMBus-Controller:
Intel® ICH4 – SMBus
USB2-Controller:
4 Ports V2.0
Flash BIOS:
512KB/1MB
2MB available on version G5
BIOS:
Award
Power Management Control:
ACPI / APM
EIDE-Controller:
PIO 1-4 and UDMA 100*/66*/33
Primary Master/Slave
*requires 80 conductor cable
HW-Monitor:
Winbond W83627HF
Audio Output:
Stereo Output and SPDif
5.1 Support
Audio Input:
Stereo-Line, Mic and SPDif
Keyboard:
PS/2-USB
Mouse:
PS/2-USB
COM1:
RS232
115KBit max,
TTL solder
COM2:
RS232
115KBit max,
TTL solder
LPT1:
Uni/ECP/EPP
Shared with FDC
Floppy Disk:
Available
Shared with LPT
ISA-Bus:
Fintek F85226F
LPC-ISA-Bridge, 16-Bit
PCI-Bus:
V2.2
Support For 4 Masters
Spec: PC/104 Plus V2.0
Power Supply:
5volt +/-250mV
ADLPS104CF recommended
Power consumption:
TBD.
Operating Temperature:
(typ. ambient)
Celeron® M 1.0GHz: -20°C to +75°C
Pentium® M 1.4GHz: -20°C to +60°C
Celeron® M 1.5GHz: -20°C to +60°C
Pentium® M 1.8GHz: -20°C to +60°C
With ADL Embedded Solutions thermal solutions
With ADL Embedded Solutions thermal solutions
With ADL Embedded Solutions thermal solutions
With ADL Embedded Solutions thermal solutions
Extended Temperature
-40°C to +85°C
Available
Provided CPU is kept below 100°C at all
times and the installation has sufficient
thermal path to dissipate
Dimensions:
4.5” x 3.8” (115mm x 96mm)
Weight: (gr)
120 g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com