Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL855PC-373C-G5 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ADL855PC-373C-G5
Description  ADL855PC - Pentium짰 M / Celeron짰 M CPU 1.0GHz - 1.8GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL855PC-373C-G5 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ADL855PC-373C-G5 Datasheet HTML 1Page - ADL Embedded Solutions ADL855PC-373C-G5 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - Plus
Data subject to change without notice
Embedded Solutions
ADL855PC - Pentium® M / Celeron® M CPU 1.0GHz - 1.8GHz
Features
• Intel® Pentium® M / Celeron® M, 1.0GHz - 1.8GHz
• Intel® 855GME / ICH4, 400MHz FSB
• Power Management (APM 1.2 plus features)
• 128MB - 1024MB DDR-SDRAM
• Direct-X Video Controller
• CRT/LCD on-board
• 10/100 Base-T LAN-Ethernet
• 4 x USB2.0 Ports
• EIDE Hard Disk Interface
• COM1, COM2, LPT1
• RTC and Watchdog Timer
• Non Volatile Setup Save
• Single 5VDC Power Supply
• Windows 7, Windows 8, Linux Compatible
Description
The ADL855PC is based on the Intel® Pentium® M / Celeron® M
processors offering clock rates up to 1.8GHz. The Intel® 855GME
chipset (GMCH) supports a 400MHz FSB with integrated Intel®
Graphics controller “Extreme Graphics 2“. It can drive either a
CRT or LVDS LCD. The memory is added via an SODIMM200
socket and can accept up to 1Gigabyte of DDR333 SDRAM.
The ADL855PC power management incorporates ACPI/APM func-
tions, which utilizes Intel's Advanced SpeedStep® (Pentium® M
only) feature. The standard ADL855PC also incorporates PCI 2.2
Bus, EIDE, 4xUSB 2.0, 2xRS232 COM ports, PS/2 Keyboard and
Mouse, parallel printer, AC97 Sound (0°C to +70°C only), and
10/100MBit LAN and more.
ADL Embedded Solutions offer highly effective active and passive
cooling solutions based on proven thermal data and mounting
techniques; resulting in the least possible mechanical board stress.
Please contact your Sales Engineer for detailed information on
cooling solutions to fit your needs.
Note: On the basis of its current material planning, ADL Embed-
ded Solutions guarantees product availability for the 855GME
chipset, Pentium-M 745 1.8GHz and Celeron-M 373 1.0GHz proc-
essors until 2015, thus providing sufficient time for customers to
transition from the 16-bit ISA bus to newer interconnect technolo-
gies. The Celeron-M at 600MHz and 1.5Ghz, and the Pentium-M
at 1.4GHz processors will undergo normal last time buy process
when EOL is announced by Intel.
Ordering Information
Item Codes
Part#
Description
ADL855PC-373C-G5
292248
1.0 GHz, 512k L2 cache, PC/104+ CPU
ADL855PC-370-G5
292249
1.5Ghz, 1024k L2 cache, PC/104+ CPU
ADL855PC-738-G5
292246
1.4 GHz, 2048k L2 cache, PC/104+ CPU
ADL855PC-745-G5
292245
1.8 GHz, 2048k L2 cache, PC/104+ CPU
Additional options are available, please contact our sales department.
Standard Memory Options
DDR-DRAM128-3
994715
DDR-333MHz 128MB Standard Temperature
DDR-DRAM256-3LX
994826
DDR-333MHz 256MB Standard Temperature
DDR-DRAM512-3LX
994926
DDR-333MHz 512MB Standard Temperature
DDR-DRAM1024-3LX
994024
DDR-333MHz 1GB Standard Temperature
Extended Temp. Memory Options
DDR-DRAM256-3-EX
994829
DDR-333MHz 256MB Extended Temperature
DDR-DRAM512-3-EX
994929
DDR-333MHz 512MB Extended Temperature
DDR-DRAM1024-3-EX
994029
DDR-333MHz 1GB Extended Temperature
Thermal Solutions
ADLTS2HSS
292054
2 piece Heat-Sink Thermal Solution
ADLTSHSS-Fan
293057
Companion fan for ADLTS2HSS
ADLTS2Pipe
293054
2 Heat-Pipe Thermal Solution
ADL855PC-SPREADER2
293152
.6” Heat Spreader
ADL855PC-SPREADER3
293153
1” Heat Spreader
Optional Cables
ADL855PC-CK
293045
Development cable kit
ADL8XX-PC
100-9700 ADL power cable for ADL855/LX8/S15
Individual development cables are available, please contact our sales department.


Similar Part No. - ADL855PC-373C-G5

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
ADL855PC-373C-G5 ADL-ADL855PC-373C-G5 Datasheet
421Kb / 2P
CPU 0.6GHz - 1.8GHz
More results

Similar Description - ADL855PC-373C-G5

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSM855 ADL-MSM855 Datasheet
243Kb / 2P
Intel짰 Pentium짰 M CPU 0.6 / 1.0 / 1.4 / 1.8GHz
ADL855HD ADL-ADL855HD Datasheet
215Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
logo
Advantech Co., Ltd.
ARK-3389 ADVANTECH-ARK-3389 Datasheet
435Kb / 2P
Intel짰 Pentium짰 M /Celeron짰 M Compact System
logo
AAEON Technology
EMB-852T AAEON-EMB-852T Datasheet
225Kb / 1P
Socket-478M Intel짰 Pentium짰 M/ Celeron짰 M Processors
EPIC-8526 AAEON-EPIC-8526 Datasheet
225Kb / 1P
Intel짰 Embedded Pentium짰 M/ Celeron짰 M Processors
ETX-821 AAEON-ETX-821 Datasheet
209Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
ETX-855 AAEON-ETX-855 Datasheet
214Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915 AAEON-COM-915 Datasheet
300Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
Intel짰 Pentium짰 M/ Celeron짰 M Processors
logo
ADL Embedded Solutions
ADL855HD ADL-ADL855HD_15 Datasheet
480Kb / 2P
Intel Pentium M / Celeron M 1.0GHz - 1.8GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com